データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9312-11 データシート(PDF) 2 Page - Peregrine Semiconductor Corp.

部品番号 9312-11
部品情報  1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PEREGRINE [Peregrine Semiconductor Corp.]
ホームページ  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9312-11 データシート(HTML) 2 Page - Peregrine Semiconductor Corp.

  9312-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PE9312
Page 2 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0119-02
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Device Functional Considerations
The PE9312 divides an input signal, up to a
frequency of 1500 MHz, by a factor of four thereby
producing an output frequency at a quarter of the
input frequency. To work properly at higher
frequency, the input and output signals (pins 2 &
7) must be AC coupled via an external capacitor,
as shown in the test circuit in Figure 8. The input
may be DC coupled for low frequency operation
with care taken to remain within the specified DC
input range for the device.
The ground pattern on the board should be made
as wide as possible to minimize ground
impedance. See Figure 7 for a layout example.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
PE9312
1
2
3
4
8
7
6
5
IN
GND
N/C
GND
OUT
VDD
NC
GND
Pin No.
Pin
Name
Description
1
VDD
Power supply pin. Bypassing is required
(eg 1000 pF & 100 pF).
2
IN
Input signal pin. Should be coupled with a
capacitor (eg 1000 pF).
3
NC
No connection. This pin should be left
open.
4
GND
Ground pin. Ground pattern on the board
should be as wide as possible to reduce
ground impedance.
5
GND
Ground pin.
6
NC
No connection. This pin should be left
open.
7
OUT
Divided frequency output pin. This pin
should be coupled with a capacitor
(eg 1000 pF).
8
GND
Ground Pin.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
4.0
V
Pin
Input Power
15
dBm
VIN
Voltage on input
-0.3
VDD
+0.3
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
VESD
ESD voltage (Human Body
Model, MIL-STD 883)
1000
V
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.


同様の部品番号 - 9312-11

メーカー部品番号データシート部品情報
logo
Belden Inc.
9312-0601000 BELDEN-9312-0601000 Datasheet
167Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
08-09-2023
9312-060500 BELDEN-9312-060500 Datasheet
167Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
08-09-2023
More results

同様の説明 - 9312-11

メーカー部品番号データシート部品情報
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com