データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084S-3.0 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LM1084S-3.0
部品情報  5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

LM1084S-3.0 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LM1084S-3.0 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1084S-3.0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5A LOW DROPOUT VOLTAGE REGULATOR(ADJ)
LM1084
ABSOULTE MAXIMUM RATINS
CHARACTERISTIC
Supply Voltage
Operating Junction Temperature Range
Storage Temperature Range
Thermal Resistance Junction to Case TO-263
Thermal Resistance Junction to Ambient TO-263
Lead Temperature (Soldering) 10 sec.
Maximum Output Current
ELECTRICAL CHARACTERISTICS I OUT=100㎃, T A=25℃, unless otherwise specified
Min. Load Current(Note 3)
Line Regulation (ΔVREF(VIN))
Load Regulation (ΔVREF(VOUT))
Dropout Voltage
Current Limit
IOUT(MAX)
Thermal Regulation
(ΔVOUT(Pwr))
Output Noise, RMS
HTC
SYMBOL
Tstg
-65~150
UNIT
V
VALUE
C/W
C/W
A
A
0.3
1
5.5
6.8
60
MIN
TYP
MAX
1.475
1.5
1.525
2.46
3
Thermal Resistance
Junction to Tab
Junction to Ambient
TA=125℃, 1000Hrs
10Hz to 10Khz TA=25℃
0.08
0.003
Long Term Stability
TA=25℃, 30㎳ pulse
Vin-Vout=3V
1.4V≤(VIN-VOUT) Adjustable Only
1.25
1.27
1.235
1.25
1.265
1.23
0.003
3.3V Version
1.5V Version
0<IOUT<5A, 4.8V<VIN<10V
2.5
2.54
3.247
3.3
3.353
V
2.895
Tjc
3
Vin
7
Topr
0~125
Tja
60
Tsol
300
Imax
5
3.0V Version
Output Voltage
0<IOUT<5A, 4.5V<VIN<10V
2.95
3
3.05
2.5V Version
V
%/Vo
℃/W
%/W
%
%
V
0.4
0.5
V
mA
%
510
0.04
1.5V≤(VIN-VOUT)≤5.75V, 10㎃≤IOUT≤5A
4.92
5
0.45
1.5V≤(VIN-VOUT)≤5.75V
2.75V≤VIN≤7V, IOUT=10㎃, TJ=25℃
10㎃≤IOUT≤5A,(VIN-VOUT)=3V,TJ=25℃
ΔVREF=1% , Iout=5A
V
V
5.0V Version
0.2
Reference Voltage (VREF)
V
Output Voltage
All Voltage Options
0≤IOUT≤5A, 6.5V≤VIN<12V
VIN≤7V,P≤PMAX
0<IOUT<5A, 4.0V<VIN<10V
2.85V Version
Output Voltage
0<IOUT<5A, 4.35V<VIN<10V
2.805
2.85
2
V
UNIT
0<IOUT<5A, 3.3V<VIN<10V
PARAMETER
Output Voltage
TEST CONDITIONS
Output Voltage
Output Voltage
5.08


同様の部品番号 - LM1084S-3.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
More results

同様の説明 - LM1084S-3.0

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com