データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084S-3.3 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LM1084S-3.3
部品情報  5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

LM1084S-3.3 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LM1084S-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1084S-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084
FEATURES
● Low Dropout Voltage 500mV at 5A Output Current
● Fast Transient Response
● 0.015% Line Regulation
● 0.1% Load Regulation
● Internal Thermal and Current Limiting
● Adjustable or Fixed Output Voltage(1.5, 2.5, 2.85, 3.0, 3.3, 5.0V)
● Surface Mount Package SOT-223 & TO-263 (D2 Package)
● 100% Thermal Limit Burn-in
APPLICATIONS
● Battery Charger
● Adjustable Power Supplies
● Constant Current Regulators
● Portable Instrumentation
● High Efficiency Linear Power Supplies
● High Efficiency "Green" Computer Systems
● SMPS Post-Regulator
● Power PC Supplies
● Powering VGA & Sound Card
ORDERING INFORMATION
DESCRIPTION
(XX=Vout=1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 5.0V
Adjustable= AD)
The LM1084 is a low dropout three terminal regulator with 5A output current capability.
The output voltage is adjustable with the use of a resistor divider. Dropout is guaranteed at a maximum
of 500 mV at maximum output current.
It's low dropout voltage and fast transient response make it ideal for low voltage microprocessor
applications. Internal current and thermal limiting provides protection against any overload condition
that would create excessive junction temperature.
TEST & TYPICAL APPLICATION CIRCUIT
VREF=VOUT-VADJ=1.25V(Typ.)
VOUT=VREFx(1+RF2/RF1)+IADJxRF2
IADJ=55㎂(Typ.)
(1) C1 Needed if device is far away
from filter capacitors.
(2) C2 Required for stability
Adjustable Voltage Regulator
HTC
LM1084T-XX
TO263 (D2)
1
Device & Marking
Package
LM1084S-XX
SOT 223
LM1084
C1
10㎌
VIN
5V
VREF
RF2
205Ω
1%
ADJ
+
3
1
VOUT
3.33V
C2
10㎌
RF1
124Ω
1%
2
1
2
3
SOT-223 PKG (FRONT VIEW)
PIN FUNCTION
1. Adj/Gnd
2. Vout
3. Vin
TO-263 (D2 PKG, FRONT VIEW)
PIN FUNCTION
1. Adj/Gnd
2. Vout
3. Vin
1
2
3


同様の部品番号 - LM1084S-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
More results

同様の説明 - LM1084S-3.3

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com