データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0220516SSCR4292T データシート(PDF) 8 Page - Zilog, Inc.

部品番号 Z0220516SSCR4292T
部品情報  MODEM CONTROLLER IDEAL FOR LOW POWER CONSUMPTION, SMALL SIZE REQUIREMENTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z0220516SSCR4292T データシート(HTML) 8 Page - Zilog, Inc.

Back Button Z0220516SSCR4292T Datasheet HTML 4Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 5Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 6Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 7Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 8Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 9Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 10Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 11Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Z02205
Modem Controller
ZiLOG
6
PS001000-MOD0599
IIR
Reset Input
Current
5.5V
–20
–180
–85
µA
ICC
Supply Current
5.5V
25
20
mA
@ 16 MHz
4
ICC1
Standby Current
(HALT Mode)
5.5V
8
3.7
mA
VIN = 0V, VCC
@ 16 MHz
4
ICC2
Standby Current
(STOP Mode)
5.5V
10
4
µA
VIN = 0V, VCC WDT is
not Running
6,11
5.5V
800
600
µA
VIN = 0V, VCC WDT is
Running
6,11,
13
VICR
Input Common
Mode
Voltage Range
5.5V
0
VCC–1.0V
V
10
IALL
Auto Latch Low
Current
5.5V
1.4
15
5
µA
0V < VIN < VCC
9
IALH
Auto Latch High
Current
5.5V
–1.0
–8
–6
µA
0V < VIN < VCC
9
VLV
VCC Low
Voltage
Protection
Voltage
2.8
V
4 MHz max Int. CLK
Freq.
7
2.2
3.1
2.8
6 MHz max Int. CLK
Freq.
7,13
VOH
Output High
Voltage
(Low EMI
Mode)
5.0V
VCC–0.4
4.8
V
IOH = –0.5 mA
VOL
Output Low
Voltage
(Low EMI
Mode)
5.0V
0.4
0.1
V
IOL = 1.0 mA
Notes:
1. Typicals at VCC = 5.0V.
2. GND = 0V.
3. The VDD voltage specification of 5.5V guarantees 5.0V ±0.5V with typicals at VCC–5.0V.
4. All outputs unloaded, I/O pins floating, inputs at rail.
5. CL1 = CL2 = 10 pF.
6. Same as note [4] except inputs at VCC.
7. The VLV voltage increases as the temperature decreases and will overlap lower VCC operating region.
8. Standard Mode (not Low EMI).
9. Auto Latch (Mask Option) selected.
10. For analog comparator, inputs when analog comparators are enabled.
11. Clock must be forced Low, when XTAL1 is clock-driven and XTAL2 is floating.
12. Excludes clock pins.
13. 0°C to 70°C (standard temperature).
VCC
TA = 0° C to +70°C
Sym
Parameter
Note [3]
Min
Max
Typical [1]
@ 25°C
Units
Conditions
Notes


同様の部品番号 - Z0220516SSCR4292T

メーカー部品番号データシート部品情報
logo
Zilog, Inc.
Z02205 ZILOG-Z02205 Datasheet
19Kb / 3P
   MODEM EVALUATION KIT
More results

同様の説明 - Z0220516SSCR4292T

メーカー部品番号データシート部品情報
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com