データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZ1242M データシート(PDF) 8 Page - Integral Corp.

部品番号 IZ1242M
部品情報  Scientific 10 Digits LCD Calculator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1242M データシート(HTML) 8 Page - Integral Corp.

Back Button IZ1242M Datasheet HTML 4Page - Integral Corp. IZ1242M Datasheet HTML 5Page - Integral Corp. IZ1242M Datasheet HTML 6Page - Integral Corp. IZ1242M Datasheet HTML 7Page - Integral Corp. IZ1242M Datasheet HTML 8Page - Integral Corp. IZ1242M Datasheet HTML 9Page - Integral Corp. IZ1242M Datasheet HTML 10Page - Integral Corp. IZ1242M Datasheet HTML 11Page - Integral Corp. IZ1242M Datasheet HTML 12Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IZ1242M
8
c.
The display is cleared by the following 1-st numeric key and new data is set.
9.
% Calculation.
a.
When any arithmetic functions or constant mode has/not been set, the displayed number
is converted from a percentage to a decimal.
Example) 61.5%
Display
6
1 . 5
%
0.615
b.
When = key is pressed after % with any arithmetic function
• Add-on
a + b
%
=
→a + (a x
b)/100
• yx, x√y
a y
x b
%
=
→at (t = b/100)
• Discount
a - b
%
=
→a - (a x
b)/100
a
x
√y
b
%
=
t√a (t =
b/100)
Percentag
e
a x b
%
=
→(a x b)/100
a
÷ b
%
=
→a/b x 100
10. Trigonometric and arctrigonometric functions (1 Variable).
(sin, cos, tan, sin
-1, cos-1, tan-1 )
These functions are calculated according to respective defined areas and accuracy show in (6),
and displayed result of operation can become operators.
11. Hyperbolic and archiperbolic function.
(hyp
→ sin cos tan, archyp → sin cos tan)
Same as trigonometric function.
12. Exponential and logarithmic functions.
(e
x 10x In log)
Same as trigonometric functions.
13. Reciprocal, square, square root and cube root.
(1/x x
2
3√)
Same as trigonometric functions.
14. Factorial functions (n!).
n! = n x (n-1) x (n-2) x … x 2 x 1
Same as trigonometric functions.
15.
→DEG → DMS
a.
These keys convert degrees, minutes and seconds into decimal degrees and decimal
degrees into degree minutes and seconds.
b.
On the DMS format, the integer part of display data is regarded as degrees, 2 digits below
the decimal point as minutes and the 3
rd digit and below as seconds.


同様の部品番号 - IZ1242M

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
More results

同様の説明 - IZ1242M

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
   10-DIGITS CALCULATOR
logo
Silan Microelectronics ...
SC3442 SILAN-SC3442 Datasheet
297Kb / 20P
   SCIENTIFIC 10DIGITS CALCULATOR CIRCUIT
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
SHENZHEN FUMAN ELECTRON...
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com