データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZ7008 データシート(PDF) 8 Page - Integral Corp.

部品番号 IZ7008
部品情報  8-BIT MICROCONTROLLER WITH LCD DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ7008 データシート(HTML) 8 Page - Integral Corp.

Back Button IZ7008 Datasheet HTML 4Page - Integral Corp. IZ7008 Datasheet HTML 5Page - Integral Corp. IZ7008 Datasheet HTML 6Page - Integral Corp. IZ7008 Datasheet HTML 7Page - Integral Corp. IZ7008 Datasheet HTML 8Page - Integral Corp. IZ7008 Datasheet HTML 9Page - Integral Corp. IZ7008 Datasheet HTML 10Page - Integral Corp. IZ7008 Datasheet HTML 11Page - Integral Corp. IZ7008 Datasheet HTML 12Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IZ7008
Korzhenevskogo 12, Minsk, 220064, Republic of Bel-
arus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
8
ORGANISATION OF INTERRUPTIONS.
The interruptions may be initiated:
а) by external devices from bits РORT1-PORT8;
б) by internal devices (timers T1,T2,T3).
The initial addresses of subprograms of processing interruptions as their priority decrease are
shown in the table.
Address
Source of interruption
Note
0x000
Supply switching on
0x08F
Timers 1, 2 and 3 simultaneously
0x09F
Timers 2 and 3 simultaneously
0x0AF
Timers 1 and 3 simultaneously
0x0CF
Timers 1 and 2 simultaneously
0x0BF
Timer 3
0x0DF
Timer 2
0x0EF
Timer 1
Simultaneously with timers there
may be initiated interruption from
input port which should be taken
into consideration in interrupt ser-
vice routine
0x0FF
Input / output port
Interruptions are executed after complete execution of the command of main program when there
is a request. Interruptions are inhibited after the jump instructions: JMP, JMI and JC, JNC, JZ, JNZ
when executing jump conditions, commands JSR of return from subprogram.
Interruptions from port bits may be initiated if the corresponding bit of interrupt enabling register in
register RFC_2 is program-set into 1.
At the same time, reading the register RFC_3 (read-only) allows to display from which port bits
interrupt requests are called. Interrupt request from any port bit can be reset after executing inter-
rupt service routine by recording 0 into the corresponding bit in the register RFC_2 with the follow-
ing setting of this bit into 1 for enabling thhe further inmterrupt request. Each port bit can be indi-
vidually tuned by presetting bits M1, M0 in the registers RFC_3 and RFC_3 with the following pos-
sible options of internal states.
Bits
Internal
Interrupts
Notes
M1
M0
port state
0
0
OUT ZL (high-impedance 0)
By mask «programming» internal level ZL
(high-impedance 0) can be disconnected
0
1
OUT L
( “strong” zero)
Interrupts from
external actions
inhibited
1
0
IN RL (resistive 0)
Interrupts evocation under high level
1
1
IN RH
(resistive 1)
Interrupts from
external actions
enabled
Interrupts evocation under low level
Mask «programming» can disconnect internal level (ZL, RL,RH) with possible replacement of
them by external resistors.
Reading of the register R FC_4 (read-only) allows to display state of all port bits given either, one
or another external action.
External actions may be the following:
H
– «strong» 1
HR – «weak» 1
L
– «strong» 0
LR – «weak» 0
Z
– high impedance state
State of port bits under all possible combinations of external actions and internal states are shown
in the table
Internal
External action
state
H
HR
L
LR
Z
IN RH
1
1
0
0
1
IN RL
1
1
0
0
0


同様の部品番号 - IZ7008

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ7007 INTEGRAL-IZ7007 Datasheet
260Kb / 8P
   Circuit for electron pedometer - ergmeter
More results

同様の説明 - IZ7008

メーカー部品番号データシート部品情報
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
logo
Feeling Technology Corp...
FM8PE68B FEELING-FM8PE68B Datasheet
3Mb / 81P
   OTP-Based 8-Bit Microcontroller with LCD Driver
FM8P756 FEELING-FM8P756 Datasheet
3Mb / 80P
   OTP-Based 8-Bit Microcontroller with LCD Driver
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
List of Unclassifed Man...
ML610Q411 ETC2-ML610Q411 Datasheet
639Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
552Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com