データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML2110 データシート(PDF) 4 Page - OKI electronic componets

部品番号 ML2110
部品情報  Speech Control Processor
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

ML2110 データシート(HTML) 4 Page - OKI electronic componets

  ML2110 Datasheet HTML 1Page - OKI electronic componets ML2110 Datasheet HTML 2Page - OKI electronic componets ML2110 Datasheet HTML 3Page - OKI electronic componets ML2110 Datasheet HTML 4Page - OKI electronic componets ML2110 Datasheet HTML 5Page - OKI electronic componets ML2110 Datasheet HTML 6Page - OKI electronic componets ML2110 Datasheet HTML 7Page - OKI electronic componets ML2110 Datasheet HTML 8Page - OKI electronic componets ML2110 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
FEDL2110-01
OKI Semiconductor
ML2110
4/101
PIN DESCRIPTIONS
Symbol
I/O
Description
D 31-0
I/O
32-bit data bus. 8-bit devices are accessed through D31-24. 16-bit devices
are accessed through D31-D16.
A23-0
O
24-bit address bus. DRAM addresses are output from A13-0.
ROM
O
ROM select signal.
ROM indicates that ROM space is assigned to the
specified address. It is used as a chip select signal.
SRAM
O
SRAM select signal.
SRAM indicates that SRAM space is assigned to the
specified address. It is used as a chip select signal.
RD
O
Read signal.
RD is active during both 8-bit and 16-bit reads.
WR0-3
O
Write signals.
WR0 corresponds to writes from D31-24, WR1 corresponds to
writes from D23-16,
WR2 corresponds to writes from D15-8, and WR3
corresponds to writes from D7-0.
RAS
O
Row address strobe.
CAS0-3
O
Column address strobe.
CAS0 corresponds to accesses from D31-24,CAS1
corresponds to accesses from D23-16,
CAS2 corresponds to accesses from
D15-8, and
CAS3 corresponds to accesses from D7-0.
WE
O
Write enable. WE is active during writes to DRAM space as the DRAM write
signal.
AS
O
Address strobe.
TXD
O
Serial data output.
RXD
I
Serial data input.
DTR
O
Control signal indicating SIO can transmit and receive.
DSR
I
Input signal indicating that modem is in operable state.
RTS
O
SIO transmit request signal.
CTS
I
Input signal indicating that modem can transmit.
SCLK
O
Synchronous transfer clock output.
PD7-0
I/O
Parallel port data input/output.
PACK
I
Parallel port read signal. Set high for Centronics interface.
PSTB
I
Parallel port write signal. Strobe signal for Centronics interface.
PCS
I
Parallel port chip select signal.
PIOA
I
Parallel port address signal. Selects data or status during an access.
POBF
3-state
Output port buffer full. Indicates that data has been set in the output buffer.
PIBF
3-state
Input port buffer full. Indicates that there is data in the input buffer.
Busy output signal for Centronics interface.
UPORT1-0
O
General flag output signal.
XSYNC
I
Synchronous transmit clock.
BCLK
I
Shift clock for DOUT.
DOUT
O
Digital signal output.
DAO
O
D/A Converter output.


同様の部品番号 - ML2110

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2111 MICRO-LINEAR-ML2111 Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CCP MICRO-LINEAR-ML2111CCP Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CCS MICRO-LINEAR-ML2111CCS Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CIP MICRO-LINEAR-ML2111CIP Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
More results

同様の説明 - ML2110

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
logo
Microchip Technology
SP0264 MICROCHIP-SP0264 Datasheet
344Kb / 12P
   NARRATOR SPEECH PROCESSOR
1989
logo
List of Unclassifed Man...
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
   Speech And Music Processor
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
   Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
   Speech And Music Processor
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
   Speech And Music Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com