データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN8060 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 AN8060
部品情報  Low Drop Type Negative Output .4V Regulator with Reset Pin
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8060 データシート(HTML) 1 Page - Panasonic Semiconductor

  AN8060 Datasheet HTML 1Page - Panasonic Semiconductor AN8060 Datasheet HTML 2Page - Panasonic Semiconductor AN8060 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
s Overview
The AN8060 and the AN8060S are the low drop type regula-
tors having the function of resetting output voltage. With a
comparator to sence reduced voltage builting it is suitable for
batteries operation.
s Features
With reset function : bias current at resetting –5µA
Small input-output voltage difference : IO=30mA, 0.2V
Low Supply Voltage sensing comparator built-in
AN8060, AN8060S
Low Drop Type Negative Output (–4V) Regulator with Reset Pin
s Pin Descriptions
Pin No.
Pin name
Symbol
1
2
3
4
5
6
7
8
GND
VI
VO
CADJ
RSENSE
RESET
DiC
DiA
GND
Input voltage
Output voltage
Low supply voltage sensing adj.
Low supply voltage sensing output
Reset pin
Diode pin (Cathode)
Diode pin (Anode)
1
2
3
4
3—15˚
7.62
±0.25
0.15
+ 0.1
– 0.05
3.8
±0.25
(3.45)
0.51min.
Unit : mm
6.3
±0.3
8
7
6
5
8-pin DIL Plastic Package (DIP008-P-0300B)
AN8060
0.3
1
2
3
4
6.5
±0.3
4.2
±0.3
8-pin · SOP package (SOP008-P-0225A)
8
7
6
5
Unit : mm
AN8060S


同様の部品番号 - AN8060

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8000M PANASONIC-AN8000M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8001FHK PANASONIC-AN8001FHK Datasheet
66Kb / 8P
   Gradation voltage generation IC for liquid crystal display
AN8002 PANASONIC-AN8002 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8002 PANASONIC-AN8002 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
More results

同様の説明 - AN8060

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
   Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2827 NJRC-NJM2827 Datasheet
233Kb / 10P
   Negative Output Low Drop Out voltage regulator
logo
STMicroelectronics
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
   VERY LOW DROP REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
logo
Panasonic Semiconductor
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
AN79N00 PANASONIC-AN79N00 Datasheet
63Kb / 9P
   3-pin Negative Output Voltage Regulator 300mA Type
logo
STMicroelectronics
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com