データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMA2275 データシート(PDF) 35 Page - Micronas

部品番号 DMA2275
部品情報  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2275 データシート(HTML) 35 Page - Micronas

Back Button DMA2275 Datasheet HTML 31Page - Micronas DMA2275 Datasheet HTML 32Page - Micronas DMA2275 Datasheet HTML 33Page - Micronas DMA2275 Datasheet HTML 34Page - Micronas DMA2275 Datasheet HTML 35Page - Micronas DMA2275 Datasheet HTML 36Page - Micronas DMA2275 Datasheet HTML 37Page - Micronas DMA2275 Datasheet HTML 38Page - Micronas DMA2275 Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DMA 2275, DMA 2286
35
Pins 38 and 63 – Supply Voltage
These pins must be connected to the positive supply
voltage.
Pins 39 to 46 – Baseband B7 to B0 Input (Fig. 9–4)
Via these pins,the DMA 2275/2286 receives the digi-
tized baseband signal coming either from the VCU 2133
Video Codec in a 7–bit parallel Gray code or from any
other A/D converter in 8–bit parallel binary code.
Pin 47 – IM Bus Busy Output (Fig. 9–11)
This pin supplies a signal which indicates that the IM bus
interface of the DMA 2275/2286 is busy. As long as this
pin delivers a High level signal there should be no IM bus
transfer to or from the DMA 2275/2286.
Pin 49 – Acq. RAM Column Address Select Output (Fig.
9–10)
This pin supplies the Column Address select signal
(CAS) to the external acquisition RAM.
Pin 50 – Acq. RAM Data Input/Output (Fig. 9–8)
Pin 50 serves as output for writing data into the external
acquisition RAM and as input for reading data from that
RAM.
Pins 51 to 55 and 58 to 60 – Acq. RAM Address A0 to A7
Output (Fig. 9–10)
These pins are used for addressing the external acquisi-
tion RAM.
Pin 56 – Acq. RAM Read/Write Output (Fig. 9–10)
By means of this output the external acquisition RAM is
switched to the read or write mode as required.
Pin 57 – Acq. RAM Row Address Select Output (Fig.
9–10)
This pin supplies the Row Address Select signal (RAS)
to the external acquisition RAM.
Pin 64 – S Bus Ident Input (Fig. 9–3)
Via this input, the DMA 2286 receives the ident signal of
the serial 3–line S bus from the DMA 2281.
Pin 65 – Audio Clock Input (Fig. 9–5)
By means of this input, the DMA 2286 receives the re-
quired audio clock signal of 18.432 MHz from the DMA
2281.
Pin 66 – S Bus Data Output (Fig. 9–9)
This pin supplies the digital sound signal to the AMU
2481 Audio Mixer and can be connected to the S Bus
Data output of the DMA 2281. Only one S Bus Data out-
put should be activated for one S Bus sound channel.
Pin 68 – Sound RAM Column Address Select Output
(Fig. 9–11)
This pin supplies the Column Address Select signal
(CAS) to the external sound RAM.
9.5. Pin Circuits
The following figures schematically show the circuitry at
the various pins. The integrated protection structures
are not shown. The letter “P” means P–channel, the let-
ter “N” N–channel.
P
N
VSUP
GND
Fig. 9–3:
Input Pins 12, 13, 17, 19,
22 and 64
PP
NN
VSUP
GND
BIAS
Fig. 9–4:
Input Pins 39 to 46
P
N
P
N
GND
VSUP
Fig. 9–5:
Input Pins16 and 65
N
P
P
P
N
N
VSUP
GND
Fig. 9–6:
Input Pin 15
P
N
N
VSUP
Fig. 9–7:
Input/Output Pin 14
GND


同様の部品番号 - DMA2275

メーカー部品番号データシート部品情報
logo
IXYS Corporation
DMA200X1600NA IXYS-DMA200X1600NA Datasheet
594Kb / 5P
   Standard Rectifier
DMA200XA1600NA IXYS-DMA200XA1600NA Datasheet
360Kb / 5P
   Standard Rectifier
logo
Panasonic Semiconductor
DMA20101 PANASONIC-DMA20101 Datasheet
427Kb / 4P
   Silicon PNP epitaxial planar type
DMA20201 PANASONIC-DMA20201 Datasheet
426Kb / 4P
   Silicon PNP epitaxial planar type
DMA20401 PANASONIC-DMA20401 Datasheet
492Kb / 4P
   Silicon PNP epitaxial planar type
More results

同様の説明 - DMA2275

メーカー部品番号データシート部品情報
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
   DMA Controller
logo
List of Unclassifed Man...
AM2940 ETC-AM2940 Datasheet
685Kb / 11P
   DMA ADDRESS GENERATOR
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Toshiba Semiconductor
TMP82C37A TOSHIBA-TMP82C37A Datasheet
1Mb / 65P
   MULTIMODE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
Future Technology Devic...
FT51A FTDI-FT51A Datasheet
1Mb / 43P
   Supports DMA operation
logo
OKI electronic componet...
MSM82C37B-5RS OKI-MSM82C37B-5RS Datasheet
301Kb / 34P
   PROGRAMMABLE DMA CONTROLLER
logo
Zarlink Semiconductor I...
MV6001 ZARLINK-MV6001 Datasheet
266Kb / 12P
   HDLC/DMA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com