データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFPF12UP20DP データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FFPF12UP20DP
部品情報  Ultrafast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF12UP20DP データシート(HTML) 3 Page - Fairchild Semiconductor

  FFPF12UP20DP Datasheet HTML 1Page - Fairchild Semiconductor FFPF12UP20DP Datasheet HTML 2Page - Fairchild Semiconductor FFPF12UP20DP Datasheet HTML 3Page - Fairchild Semiconductor FFPF12UP20DP Datasheet HTML 4Page - Fairchild Semiconductor FFPF12UP20DP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
FFPF12UP20DP Rev. A
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
Figure 2. Typical Reverse Current
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
Figure 5. Typical Reverse Recovery Current
Figure 6. Forward Current Deration Curve
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
T
C = 75
oC
T
C = 125
oC
FORWARD VOLTAGE, V
F [V]
T
C = 25
oC
0
50
100
150
200
1E-3
0.01
0.1
1
10
T
C = 75
oC
T
C = 100
oC
T
C = 125
oC
REVERSE VOLTAGE, V
R [V]
T
C = 25
oC
0.1
1
10
100
0
20
40
60
80
100
120
140
REVERSE VOLTAGE, V
R [V]
f = 1MHz
100
200
300
400
500
10
15
20
25
30
35
40
45
50
T
C = 125
oC
T
C = 75
oC
di/dt, [A/µs]
T
C = 25
oC
I
F = 6A
100
200
300
400
500
0
1
2
3
4
5
6
7
T
C = 125
oC
T
C = 75
oC
di/dt, [A/µs]
T
C = 25
oC
I
F = 6A
100
110
120
130
140
150
0
1
2
3
4
5
6
7
8
CASE TEMPERATURE, T
C [
oC]
DC


同様の部品番号 - FFPF12UP20DP

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
FFPF12UP20DP THINKISEMI-FFPF12UP20DP Datasheet
3Mb / 3P
   12Amperes,200Volts Insulated Common Anode Ultra Fast Soft Recovery Epitaxial Diodes
FFPF12UP20DPTU THINKISEMI-FFPF12UP20DPTU Datasheet
3Mb / 3P
   12Amperes,200Volts Insulated Common Anode Ultra Fast Soft Recovery Epitaxial Diodes
More results

同様の説明 - FFPF12UP20DP

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF30UP20STTU FAIRCHILD-FFPF30UP20STTU Datasheet
187Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFB10UP20S FAIRCHILD-FFB10UP20S Datasheet
116Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com