データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN24AC データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FIN24AC
部品情報  USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24AC データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN24AC Datasheet HTML 5Page - Fairchild Semiconductor FIN24AC Datasheet HTML 6Page - Fairchild Semiconductor FIN24AC Datasheet HTML 7Page - Fairchild Semiconductor FIN24AC Datasheet HTML 8Page - Fairchild Semiconductor FIN24AC Datasheet HTML 9Page - Fairchild Semiconductor FIN24AC Datasheet HTML 10Page - Fairchild Semiconductor FIN24AC Datasheet HTML 11Page - Fairchild Semiconductor FIN24AC Datasheet HTML 12Page - Fairchild Semiconductor FIN24AC Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
www.fairchildsemi.com
FIGURE 9. Unidirectional Serializer and Deserializer
FIGURE 10. Multiple Units, Unidirectional Signals in Each Direction
Figure 10 shows a half duplex connectivity diagram. This con-
nectivity allows for two unidirectional data streams to be sent
across a single pair of SerDes devices. Data will be sent on a
frame by frame basis. For this mode of operation to work there
needs to be some synchronization between when the Camera
sends its data frame and when the LCD sends its data. One
option for this is to have the LCD send data during the camera
blanking period. External logic may need to be provided in order
for this mode of operation to work.
Devices will alternate frames of data controlled by a direction
control and a direction sense. When DIRI, on the right-hand
FIN24AC is HIGH, data will be sent from the Camera to the
Camera interface at the base. When DIRI, on the right-hand
FIN24AC goes LOW data will be sent from the baseband pro-
cess to the LCD. The direction is then changed at DIRO on the
right-hand FIN24AC indicating to the left-hand FIN24AC to
change direction. Data will be sent from the Base LCD Unit to
the LCD. The DIRO pin on the left-hand FIN24AC is used to
indicate to the base control unit that the signals are changing
direction and the LCD is now available to be sent data. DIRI on
the right-hand FIN24AC could typically use a timing reference
signal such as VSYNC from the camera interface to indicate
direction change. A derivative of this signal may be required in
order to make sure that no data is lost on the final data transfer.


同様の部品番号 - FIN24AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACMLX FAIRCHILD-FIN24ACMLX Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
More results

同様の説明 - FIN24AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com