データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN24AC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FIN24AC
部品情報  USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24AC データシート(HTML) 1 Page - Fairchild Semiconductor

  FIN24AC Datasheet HTML 1Page - Fairchild Semiconductor FIN24AC Datasheet HTML 2Page - Fairchild Semiconductor FIN24AC Datasheet HTML 3Page - Fairchild Semiconductor FIN24AC Datasheet HTML 4Page - Fairchild Semiconductor FIN24AC Datasheet HTML 5Page - Fairchild Semiconductor FIN24AC Datasheet HTML 6Page - Fairchild Semiconductor FIN24AC Datasheet HTML 7Page - Fairchild Semiconductor FIN24AC Datasheet HTML 8Page - Fairchild Semiconductor FIN24AC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500910
www.fairchildsemi.com
September 2005
Revised December 2005
FIN24AC
PSerDes¥
22-Bit Bi-Directional Serializer/Deserializer
General Description
The FIN24AC
PSerDes¥ is a low power Serializer/Deserializer
(SerDes) that can help minimize the cost and power of transfer-
ring wide signal paths. Through the use of serialization, the
number of signals transferred from one point to another can be
significantly reduced. Typical reduction is 4:1 to 6:1 for unidirec-
tional paths. For bi-directional operation, using half duplex for
multiple sources, it is possible to increase the signal reduction
to close to 10:1. Through the use of differential signaling, shield-
ing and EMI filters can also be minimized, further reducing the
cost of serialization. The differential signaling is also important
for providing a noise-insensitive signal that can withstand radio
and electrical noise sources. Major reduction in power con-
sumption allows minimal impact on battery life in ultra-portable
applications. A unique word boundary technique assures that
the actual word boundary is identified when the data is deserial-
ized. This guarantees that each word is correctly aligned at the
deserializer on a word by word basis through a unique
sequence of clock and data that is not repeated except at the
word boundary. It is possible to use a single PLL for most appli-
cations including bi-directional operation.
Features
O Low power for minimum impact on battery life
• Multiple power-down modes
• AC coupling with DC balance
O 100nA in standby mode
5mA typical operating conditions
O Cable reduction: 25:4 or greater
O Bi-directional operation 50:7 reduction or greater
O Differential signaling:
90dBm EMI when using CTL in lab conditions using a near
field probe
• Minimized shielding
• Minimized EMI filter
• Minimum susceptibility to external interference
O Up to 22 bits in either direction
O Up to 20MHz parallel interface operation
O Voltage translation from 1.65V to 3.6V
O Ultra-small and cost-effective packaging
O High ESD protection: !8kV HBM
O Parallel I/O power supply (VDDP) range between
1.65V to 3.6V
Applications
O Micro-controller or Pixel interfaces
O Image sensors
O Small displays
LCD, cell phone, digital camera, portable gaming, printer,
PDA, video camera, automotive
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
BGA and MLP packages available in Tape and Reel only.
PSerDes¥ is a trademark of Fairchild Semiconductor Corporation.
Order
Number
Package
Number
Package Description
FIN24ACGFX
BGA042A
Pb-Free 42-Ball Ultra Small Scale Ball Grid Array (USS-BGA), JEDEC MO-195, 3.5mm Wide
FIN24ACMLX
MLP040A
Pb-Free 40-Terminal Molded Leadless Package (MLP), Quad, JEDEC MO-220, 6mm Square


同様の部品番号 - FIN24AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACMLX FAIRCHILD-FIN24ACMLX Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
More results

同様の説明 - FIN24AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com