データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBB15CH60 データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FSBB15CH60
部品情報  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB15CH60 データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FSBB15CH60 Datasheet HTML 7Page - Fairchild Semiconductor FSBB15CH60 Datasheet HTML 8Page - Fairchild Semiconductor FSBB15CH60 Datasheet HTML 9Page - Fairchild Semiconductor FSBB15CH60 Datasheet HTML 10Page - Fairchild Semiconductor FSBB15CH60 Datasheet HTML 11Page - Fairchild Semiconductor FSBB15CH60 Datasheet HTML 12Page - Fairchild Semiconductor FSBB15CH60 Datasheet HTML 13Page - Fairchild Semiconductor FSBB15CH60 Datasheet HTML 14Page - Fairchild Semiconductor FSBB15CH60 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
www.fairchildsemi.com
FSBB15CH60 Rev. C
Note:
1. RC coupling at each input (parts shown dotted) might change depending on the PWM control scheme used in the application and the wiring impedance of the application’s
printed circuit board. The SPM input signal section integrates 3.3k
Ω(typ.) pull-down resistor. Therefore, when using an external filtering resistor, please pay attention to the sig-
nal voltage drop at input terminal.
2. The logic input is compatible with standard CMOS or LSTTL outputs.
Fig. 9. Recommended CPU I/O Interface Circuit
Note:
1. It would be recommended that the bootstrap diode, DBS, has soft and fast recovery characteristics.
2. The bootstrap resistor (RBS) should be 3 times greater than RE(H). The recommended value of RE(H) is 5.6Ω, but it can be increased up to 20Ω (maximum) for a slower dv/dt of
high-side.
3. The ceramic capacitor placed between VCC-COM should be over 1µF and mounted as close to the pins of the SPM as possible.
Fig. 10. Recommended Bootstrap Operation Circuit and Parameters
CPU
COM
5V-Line
1nF
4.7k
,,
IN
(UL)
IN
(VL)
IN
(W L)
,,
IN
(UH)
IN
(VH)
IN
(W H)
V
FO
100
1nF
SPM
R
PF=
C
PF=
15V-Line
22uF
0.1uF
1000uF
1uF
One-Leg Diagram of SPM
Vcc
IN
COM
VB
HO
VS
Vcc
IN
COM
OUT
Inverter
Output
P
N
These Values depend on PW M Control Algorithm
D
BS
R
BS
R
E(H)
V
SL


同様の部品番号 - FSBB15CH60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBB15CH60 FAIRCHILD-FSBB15CH60 Datasheet
551Kb / 16P
   Smart Power Module
FSBB15CH60B FAIRCHILD-FSBB15CH60B Datasheet
409Kb / 17P
   Smart Power Module
FSBB15CH60C FAIRCHILD-FSBB15CH60C Datasheet
400Kb / 17P
   Smart Power Module
logo
ON Semiconductor
FSBB15CH60C ONSEMI-FSBB15CH60C Datasheet
654Kb / 16P
   Motion SPM 3 Series
February 2016 Rev. 1.6
logo
Fairchild Semiconductor
FSBB15CH60D FAIRCHILD-FSBB15CH60D Datasheet
717Kb / 15P
   Motion SPMR 3 Series
More results

同様の説明 - FSBB15CH60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com