データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS74116TU データシート(PDF) 4 Page - GSI Technology

部品番号 GS74116TU
部品情報  256K x 16 4Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74116TU データシート(HTML) 4 Page - GSI Technology

  GS74116TU Datasheet HTML 1Page - GSI Technology GS74116TU Datasheet HTML 2Page - GSI Technology GS74116TU Datasheet HTML 3Page - GSI Technology GS74116TU Datasheet HTML 4Page - GSI Technology GS74116TU Datasheet HTML 5Page - GSI Technology GS74116TU Datasheet HTML 6Page - GSI Technology GS74116TU Datasheet HTML 7Page - GSI Technology GS74116TU Datasheet HTML 8Page - GSI Technology GS74116TU Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev: 2.02 3/2000
4/14
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
N
GS74116TP/J/U
Note:
1. Input overshoot voltage should be less than VDD+2V and not exceed 20ns.
2. Input undershoot voltage should be greater than -2V and not exceed 20ns.
Notes:
1. Tested at TA=25°C, f=1MHz
2. These parameters are sampled and are not 100% tested
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for -10/12/15
VDD
3.0
3.3
3.6
V
Supply Voltage for -8
VDD
3.135
3.3
3.6
V
Input High Voltage
VIH
2.0
-
VDD+0.3
V
Input Low Voltage
VIL
-0.3
-
0.8
V
Ambient Temperature,
Commercial Range
TAc
0
-
70
oC
Ambient Temperature,
Industrial Range
TAI
-40
-
85
oC
Capacitance
Parameter
Symbol
Test Condition
Max
Unit
Input Capacitance
CIN
VIN=0V
5
pF
Output Capacitance
COUT
VOUT=0V
7
pF
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage
Current
IIL
VIN = 0 to VDD
-1uA
1uA
Output Leakage
Current
ILO
Output High Z
VOUT = 0 to VDD
-1uA
1uA
Output High Voltage
VOH
IOH = - 4mA
2.4
Output Low Voltage
VOL
ILO = + 4mA
0.4V


同様の部品番号 - GS74116TU

メーカー部品番号データシート部品情報
logo
GSI Technology
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10I GSI-GS74116AGP-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results

同様の説明 - GS74116TU

メーカー部品番号データシート部品情報
logo
GSI Technology
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com