データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE1617ADS データシート(PDF) 5 Page - NXP Semiconductors

部品番号 NE1617ADS
部品情報  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1617ADS データシート(HTML) 5 Page - NXP Semiconductors

  NE1617ADS Datasheet HTML 1Page - NXP Semiconductors NE1617ADS Datasheet HTML 2Page - NXP Semiconductors NE1617ADS Datasheet HTML 3Page - NXP Semiconductors NE1617ADS Datasheet HTML 4Page - NXP Semiconductors NE1617ADS Datasheet HTML 5Page - NXP Semiconductors NE1617ADS Datasheet HTML 6Page - NXP Semiconductors NE1617ADS Datasheet HTML 7Page - NXP Semiconductors NE1617ADS Datasheet HTML 8Page - NXP Semiconductors NE1617ADS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2004 Oct 05
5
ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 3.6 V; Tamb = 0 °C to +125 °C, unless otherwise noted.
PARAMETER
CONDITIONS
LIMITS
UNIT
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Temperature resolution
1
°C
Local temperature error
Tamb = +60 °C to +100 °C
<
±1
±2
°C
Local temperature error
Tamb = 0 °C to +125 °C
<
±2
±3
°C
Remote temperature error
Tremote = +60 °C to +100 °C
±3
°C
Remote temperature error
Tremote = 0 °C to +125 °C
±5
°C
Under voltage lockout1
VDD supply (Note 2)
2.7
2.95
V
Power-on reset threshold
VDD supply (falling edge) (Note 3)
1.0
2.5
V
Power supply current (average)
Conversion rate = 0.25/sec
70
µA
Power supply current (average)
Conversion rate = 2/sec
180
µA
Power supply current (standby)
SMBus inactive
3
10
µA
Conversion time
From stop bit to conversion complete,
both channels
170
ms
Conversion rate error
Percentage error in programmed rate
–30
+30
%
Remote sensor source current
HIGH level
100
µA
Remote sensor source current
LOW level
10
µA
Address pin bias current
Momentary as the address is being read
(Notes 4 and 5)
160
µA
NOTES:
1. Definition of Under Voltage Lockout (UVL): The value of VDD below which the internal A/D converter is disabled. This is designed to be a
minimum of 200 mV above the power-on reset. During the time that it is disabled, the temperature that is in the “read temperature registers”
will remain at the value that it was before the A/D was disabled. This is done to eliminate the possibility of reading unexpected false
temperatures due to the A/D converter not working correctly due to low voltage. In case of power-up (rising VDD), the reading that is stored
in the “read temperature registers” will be the default value of 0
°C. As soon as VDD has risen to the value of UVL, the A/D will function
correctly and normal temperatures will be read.
2. VDD (rising edge) voltage below which the ADC is disabled.
3. VDD (falling edge) voltage below which the logic is reset.
4. Address is read a power up and at start of conversion for all conversions except the fastest rate.
5. Due to the bias current, any pull-up/down resistors should be
≤ 2 kΩ.


同様の部品番号 - NE1617ADS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NE1617ADS NXP-NE1617ADS Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
More results

同様の説明 - NE1617ADS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com