データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M271-TR データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 M271-TR
部品情報  Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

M271-TR データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  M271-TR Datasheet HTML 1Page - List of Unclassifed Manufacturers M271-TR Datasheet HTML 2Page - List of Unclassifed Manufacturers M271-TR Datasheet HTML 3Page - List of Unclassifed Manufacturers M271-TR Datasheet HTML 4Page - List of Unclassifed Manufacturers M271-TR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M271
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35
Turn-Off Tim e (m s)
M271
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
4.55
5.566.5
7
7.5
8
On-Resistance (ohm s)
M271
0
10
20
30
40
50
60
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
M271
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
60
65
70
75
80
85
90
95
Blocking Voltage (V)
M271
0
50
100
150
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
M271
Maximum Load Current vs. Temperature
0
10
20
30
40
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Turn-On Tim e (m s)
M271
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 5
M271
rev 1.40 (10/25/2004)


同様の部品番号 - M271-TR

メーカー部品番号データシート部品情報
logo
Solid State Optronic
M271 SSOUSA-M271 Datasheet
165Kb / 5P
   1 Form A Solid State Relay
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
logo
Intel Corporation
M27128A INTEL-M27128A Datasheet
622Kb / 9P
   AVDVANCED 64K (8K x 8) UV ERASABLE PROM
M27128A INTEL-M27128A Datasheet
555Kb / 9P
   Advanced 128K(16 x 8) UV Erasable PROM
logo
STMicroelectronics
M27128A-1F1 STMICROELECTRONICS-M27128A-1F1 Datasheet
91Kb / 9P
   NMOS 16K 2K x 8 UV EPROM
More results

同様の説明 - M271-TR

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com