データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-AHR1-01-N1 データシート(PDF) 1 Page - Marktech Corporate

部品番号 LM1-AHR1-01-N1
部品情報  Ultra Bright Red TOPLED LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LM1-AHR1-01-N1 データシート(HTML) 1 Page - Marktech Corporate

  LM1-AHR1-01-N1 Datasheet HTML 1Page - Marktech Corporate LM1-AHR1-01-N1 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Bright Red TOPLED LED
LM1−AHR1−01−N1
Features
Industry Standard 1210 PLCC Package (3.2 x 2.8mm)
High Operating Temperature Range: −40º ~ +100º C
High luminosity with low power consumption
120º Viewing Angle
Wave and Re−flow Solderable
Applications
Indicators
Illuminators
LCD Backlights
Automobile Applications
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130.00
mW
Operating Temperature
Topr
−40 ~ +100
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
2.10
2.60
V
Reverse Current
IR
VR=5V
10
µA
Luminous Intensity
IV
IF=20mA
280.00
500.00
mcd
Viewing Angle
2
θ1/2
120
o
deg.
Peak Wavelength
λp
IF=20mA
632
nm
Dominant Wavelength
λd
IF=20mA
624
nm
Spectral Line Half Width
∆λ
IF=20mA
20
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


同様の部品番号 - LM1-AHR1-01-N1

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LM1-AYL1-01-N1 MARKTECH-LM1-AYL1-01-N1 Datasheet
56Kb / 2P
   Ultra Bright Yellow TOPLED LED
More results

同様の説明 - LM1-AHR1-01-N1

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LM1-TRO1-01 MARKTECH-LM1-TRO1-01 Datasheet
58Kb / 2P
   Ultra Bright Red−Orange TOPLED LED
LM1-PWN-01-N1 MARKTECH-LM1-PWN-01-N1 Datasheet
58Kb / 2P
   Ultra Bright White TOPLED LED
LM1-PWH1-01 MARKTECH-LM1-PWH1-01 Datasheet
254Kb / 3P
   Ultra Bright White TOPLED LED
LM1-AYL1-01-N1 MARKTECH-LM1-AYL1-01-N1 Datasheet
56Kb / 2P
   Ultra Bright Yellow TOPLED LED
LM1-PPG1-01-N1 MARKTECH-LM1-PPG1-01-N1 Datasheet
57Kb / 2P
   Ultra Bright Green TOPLED LED
LM1-PBL1-01-N1 MARKTECH-LM1-PBL1-01-N1 Datasheet
58Kb / 2P
   Ultra Bright Blue TOPLED LED
LM1-TYL1-01 MARKTECH-LM1-TYL1-01 Datasheet
60Kb / 2P
   Ultra Bright Yellow TOPLED LED
logo
Siemens Semiconductor G...
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
logo
P-tec Corporation
PL16F-WCR22 P-TEC-PL16F-WCR22 Datasheet
30Kb / 1P
   Ultra Bright Red LED
PL16E-WCR22 P-TEC-PL16E-WCR22 Datasheet
30Kb / 1P
   Ultra Bright Red LED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com