データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-NNN1-01 データシート(PDF) 1 Page - Marktech Corporate

部品番号 LM1-NNN1-01
部品情報  Cotco RGB TOPLED LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LM1-NNN1-01 データシート(HTML) 1 Page - Marktech Corporate

  LM1-NNN1-01 Datasheet HTML 1Page - Marktech Corporate LM1-NNN1-01 Datasheet HTML 2Page - Marktech Corporate LM1-NNN1-01 Datasheet HTML 3Page - Marktech Corporate LM1-NNN1-01 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cotco RGB TOPLED LED
LM1−NNN1−01
Features
Indoor and Outdoor Displays
Backlighting
Coupling into Light Guides
RGB Full Color Displays
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
UHR
UBPG
UBL
Forward Current
IF
30
20
20
mA
Reverse Voltage
VR
5
5
5
V
Power Dissipation
PD
150.00
120.00
100.00 mW
Operating Temperature
Topr
−40 ~ +100
−40 ~ +100
−40 ~ +100
o
C
Storage Temperature
Tstg
−40 ~ +100
−40 ~ +100
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
260
260
o
C
Soldering Time
for 5 sec.
max
for 5 sec.
max
for 5 sec.
max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
UHR
UBPG
UBL
UHR
UBPG
UBL
UHR UBPG UBL
Forward Voltage
VF
IF=20mA
2.00
3.60
3.60
2.50
4.20
4.20
V
Reverse Current
IR
VR=5V
10
10
10
µA
Luminous Intensity
IV
IF=20mA
90.00
140.00
36.00
160.00
224.00
55.00
− mcd
Viewing Angle
2
θ1/2
120
o
120
o
120
o
− deg.
Peak Wavelength
λp
IF=20mA
623
520
465
nm
Dominant Wavelength
λd
IF=20mA
613
525
470
nm
Spectral Line Half Width
∆λ
IF=20mA
15
38
28
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


同様の部品番号 - LM1-NNN1-01

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-NRR1-01-N1 CREE-LM1-NRR1-01-N1 Datasheet
419Kb / 7P
   SMD LED
More results

同様の説明 - LM1-NNN1-01

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LM1-TPP1-01 MARKTECH-LM1-TPP1-01 Datasheet
260Kb / 4P
   Cotco RGB TOPLED LED
LP6-TPP1-01 MARKTECH-LP6-TPP1-01 Datasheet
117Kb / 4P
   RGB TOPLED LED
DM4-8819F4-CA02 MARKTECH-DM4-8819F4-CA02 Datasheet
214Kb / 2P
   Cotco 8x8 RGB Dot Matrix Column Anode
DM4-8819F4-CC02 MARKTECH-DM4-8819F4-CC02 Datasheet
217Kb / 2P
   Cotco 8x8 RGB Dot Matrix Column Cathode
LC512THR1-25Q MARKTECH-LC512THR1-25Q Datasheet
111Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LC503PBG1-30Q-A3 CREE-LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com