データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS1-TRO1-01 データシート(PDF) 1 Page - Marktech Corporate

部品番号 LS1-TRO1-01
部品情報  AlGalnP Orange Side SMD LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LS1-TRO1-01 データシート(HTML) 1 Page - Marktech Corporate

  LS1-TRO1-01 Datasheet HTML 1Page - Marktech Corporate LS1-TRO1-01 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AlGalnP Orange Side SMD LED
LS1−TRO1−01
Applications
Optical indicators
Coupling into light guides
Back lights (LCD, switches, keys,displays, illuminated advertising,
general lighting)
Interior automotive lighting (dashboard backlighting)
Marker lights (steps, exit ways)
Signal and symbol luminaire
Automotive applications
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130.00
mW
Operating Temperature
Topr
−40 ~ +100
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
250
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
2.10
2.60
V
Reverse Current
IR
VR=5V
10
µ A
Luminous Intensity
IV
IF=20mA
280.00
450.00
mcd
Viewing Angle
2
θ1/2
120
o
deg.
Peak Wavelength
λp
IF=20mA
625
nm
Dominant Wavelength
λd
IF=20mA
618
nm
Spectral Line Half Width
∆λ
IF=20mA
23
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


同様の部品番号 - LS1-TRO1-01

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results

同様の説明 - LS1-TRO1-01

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LS1-TYL1-01 MARKTECH-LS1-TYL1-01 Datasheet
96Kb / 2P
   AlGalnP Amber Side SMD LED
LS1-THR1-01 MARKTECH-LS1-THR1-01 Datasheet
111Kb / 2P
   AlGalnP Red Side SMD LED
logo
Bivar, Inc.
SMS1105OC BIVAR-SMS1105OC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105OC, ORANGE
Revision B 02/15
logo
QT-Brightek Corp.
QBLP595-O5 QTB-QBLP595-O5 Datasheet
702Kb / 9P
   SMD 0402 Orange LED
Version 1.0
logo
OptoSupply Internationa...
OSCG4LS1C1A OPTOSUPPLY-OSCG4LS1C1A Datasheet
90Kb / 1P
   Orange Peach SMD LED
logo
QT-Brightek Corp.
QBLP595-O5-2897 QTB-QBLP595-O5-2897 Datasheet
714Kb / 9P
   SMD 0402 Orange LED
Version 1.0
logo
OptoSupply Internationa...
OSO5MAS1C1A OPTOSUPPLY-OSO5MAS1C1A Datasheet
101Kb / 1P
   3.5x2.8x1.9mm Phoenix Orange SMD LED
OSCG4TS4C1A OPTOSUPPLY-OSCG4TS4C1A Datasheet
123Kb / 1P
   Orange Peach Top SMD LED
OSO5SAS1C1A OPTOSUPPLY-OSO5SAS1C1A Datasheet
100Kb / 1P
   3.5x2.8x1.9mm Super Orange SMD LED
OSO5PAS1C1A OPTOSUPPLY-OSO5PAS1C1A Datasheet
111Kb / 1P
   3.5x2.8x1.9mm Premium Orange SMD LED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com