データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML1538 データシート(PDF) 6 Page - Minilogic Device Corporation Limited

部品番号 ML1538
部品情報  4-ch Motor Driver for Portable CD players
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINILOGIC [Minilogic Device Corporation Limited]
ホームページ  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1538 データシート(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML1538 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
_______________________________________________________________
4ch Motor Driver for Portable CD Player
March, 2004 V1.0
6/17
ML1538
Pin No. Pin Name
I/O
Function
Internal Equivalent Circuit
15
VSYS2
Input
Driver Pre-step Power Supply Pre-Drive Power Supply
16
Vref
Input
Reference Voltage Input
17
18
20
22
IN3
IN4
IN2
IN1
Input
CH3 Control Signal Input
CH4 Control Signal Input
CH2 Control Signal Input
CH1 Control Signal Input
19
21
23
MUT34
MUT2
BRAKE1
Input
CH3 and 4 Mute
CH2 Mute
CH1 Brake
24
25
26
27
29
30
31
32
OUT4R
OUT4F
OUT3R
OUT3F
OUT2F
OUT2R
OUT1F
OUT1R
Output CH4 Negative Output
CH4 Positive Output
CH3 Negative Output
CH3 Positive Output
CH2 Positive Output
CH2 Negative Output
CH1 Positive Output
CH1 Negative Output
28
POWGND
Power Block Power Supply
Ground
36
HVCC
Input
H-Bridge Power Supply Input


同様の部品番号 - ML1538

メーカー部品番号データシート部品情報
logo
SL Power Electronics
ML15-0.4-A SLPOWER-ML15-0.4-A Datasheet
374Kb / 7P
   DC Power Supplies
ML15-0.4-A SLPOWER-ML15-0.4-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
PULS GmbH
ML15.051 PULS-ML15.051 Datasheet
465Kb / 22P
   5V, 3A, SINGLE PHASE INPUT
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
   12V, 1.3A, SINGLE PHASE INPUT
ML15.241 PULS-ML15.241 Datasheet
535Kb / 23P
   24V, 0.63A, SINGLE PHASE INPUT
More results

同様の説明 - ML1538

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_11 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com