データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4916GG データシート(PDF) 16 Page - Infineon Technologies AG

部品番号 TDA4916GG
部品情報  PWM-FF IC, SMPS IC with MOSFET Driver Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4916GG データシート(HTML) 16 Page - Infineon Technologies AG

Back Button TDA4916GG Datasheet HTML 12Page - Infineon Technologies AG TDA4916GG Datasheet HTML 13Page - Infineon Technologies AG TDA4916GG Datasheet HTML 14Page - Infineon Technologies AG TDA4916GG Datasheet HTML 15Page - Infineon Technologies AG TDA4916GG Datasheet HTML 16Page - Infineon Technologies AG TDA4916GG Datasheet HTML 17Page - Infineon Technologies AG TDA4916GG Datasheet HTML 18Page - Infineon Technologies AG TDA4916GG Datasheet HTML 19Page - Infineon Technologies AG TDA4916GG Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TDA 4916 GG
Version 2.0
16
1 May 1996
ON-time drift
t
Ot/tOt
–2
2
%
C
r = 200 pF;
V
IK1 > VCAH;
I
Rr = 150 µA;
relative to
t
Ot =25 °C
ON-time spread
t
Ot
3.6
4.0
4.4
µs
C
r = 200 pF;
V
IK1 > VCAH;
I
Rr = 150 µA
Operational Amplifier OP
Open-loop gain
G
o
60
80
100
dB
I
QOP = 100 µA
Input offset voltage
V
io
–5
+ 5mV
I
QOP = 100 µA
Input current
I
i
1
µA
Input common-mode
range
V
cm
– 0.2
4
V
Output current
I
QOP
– 3
mA
0.5 <
V
QOP <15V
Output voltage
V
QOP
0.5
15
V
0 mA <
I
QOP <2mA
Transit frequency
f
t
2
5
8
MHz
Transit phase
φ
t
90
120
150
Deg.
Temp. coeff. of
V
io
T
c
–10
+10
µV/K
Rate of rise of
voltage at output
V/∆t
1
± 36
V/
µs
I
QOP = 100 µA
Comparator K1
Input current
I
K1
1
µA
Input common-mode
range
V
cm
0
V
CAH
V
Turn-OFF delay
t
OFF
200
400
ns1)
Nominal load 1 nF
at Q SIP
1) Step function
V – 100 mV
V + 100 mV (for delay from comparator input to Q SIP).
Characteristics (cont’d)
V
Son < VS < 15 V, – 25 °C < TA < 85 °C; VSon means that VS has exceeded VSH, but has
not gone below
V
SL.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


同様の部品番号 - TDA4916GG

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA4916GG SIEMENS-TDA4916GG Datasheet
918Kb / 27P
   SMPS-IC with MOSFET Driver Output
More results

同様の説明 - TDA4916GG

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA4916GG SIEMENS-TDA4916GG Datasheet
918Kb / 27P
   SMPS-IC with MOSFET Driver Output
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01 Datasheet
1Mb / 24P
   PWM-FF IC
V2.0, 1 Feb 2002
logo
Siemens Semiconductor G...
TDA4918G SIEMENS-TDA4918G Datasheet
732Kb / 21P
   SMPS - IC with SIPMOS Driver Output
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
   PWM Driver IC
May, 2013
logo
Seiko Instruments Inc
S-5855AACA-I4T1U SII-S-5855AACA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
logo
Sanken electric
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
SHENZHEN FUMAN ELECTRON...
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com