データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8831IBDR データシート(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 DAC8831IBDR
部品情報  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8831IBDR データシート(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC8831IBDR Datasheet HTML 6Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 7Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 8Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 9Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 10Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 11Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 12Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 13Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
8192
0
300
250
200
150
100
50
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
V
REF = 2.5 V
8192
0
300
250
200
150
100
50
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
V
REF = 2.5 V
0
1
2
3
4
5
Digital Input Voltage (V)
V
DD = 5 V
V
DD = 3 V
800
700
600
500
400
300
200
100
0
−60 −40 −20
0
20
40
60
80
140
120
100
Temperature (
_C)
V
DD = 5 V
V
LOGIC = 5 V
V
DD = 3 V
V
LOGIC = 3 V
V
REF = 2.5 V
5
4
3
2
1
0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7 6.0
Supply Voltage (V)
V
REF = 2.5 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
5.0
Reference Voltage (V)
V
DD = 5 V
V
DD = 3 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DAC8830
DAC8831
SLAS449C – FEBRUARY 2005 – REVISED NOVEMBER 2006
TYPICAL CHARACTERISTICS: V
DD = +5 V (continued)
At T
A = +25°C and VREF = +2.5 V, unless otherwise noted.
REFERENCE CURRENT
REFERENCE CURRENT
vs CODE (UNIPOLAR MODE)
vs CODE (BIPOLAR MODE)
Figure 15.
Figure 16.
SUPPLY CURRENT
SUPPLY CURRENT
vs DIGITAL INPUT VOLTAGE
vs TEMPERATURE
Figure 17.
Figure 18.
SUPPLY CURRENT
SUPPLY CURRENT
vs SUPPLY VOLTAGE
vs REFERENCE VOLTAGE
Figure 19.
Figure 20.
10
Submit Documentation Feedback


同様の部品番号 - DAC8831IBDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8831IBDR TI1-DAC8831IBDR Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IBDRG4 TI1-DAC8831IBDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

同様の説明 - DAC8831IBDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com