データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8831IRGYT データシート(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 DAC8831IRGYT
部品情報  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8831IRGYT データシート(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC8831IRGYT Datasheet HTML 3Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 4Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 5Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 6Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 7Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 8Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 9Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 10Page - Burr-Brown (TI) DAC8831IRGYT Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
TIMING CHARACTERISTICS: V
DD = +5 V
(1) (2)
TIMING CHARACTERISTICS: V
DD = +3 V
(1) (2)
DAC8830
DAC8831
SLAS449C – FEBRUARY 2005 – REVISED NOVEMBER 2006
At –40
°C to +85°C, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
20
ns
twsck
SCLK high or low time
10
ns
tDelay
Delay from SCLK high to CS low
10
ns
tLead
CS enable lead time
10
ns
tLag
CS enable lag time
10
ns
tDSCLK
Delay from CS high to SCLK high
10
ns
ttd
CS high between active period
30
ns
tsu
Data setup time (input)
10
ns
tho
Data hold time (input)
0
ns
tWLDAC
LDAC width
30
ns
tDLDAC
Delay from CS high to LDAC low
30
ns
VDD high to CS low (power-up delay)
10
µs
(1)
Assured by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect this parameter.
At –40
°C to +85°C, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
20
ns
twsck
SCLK high or low time
10
ns
tDelay
Delay from SCLK high to CS low
10
ns
tLead
CS enable lead time
10
ns
tLag
CS enable lag time
10
ns
tDSCLK
Delay from CS high to SCLK high
10
ns
ttd
CS high between active period
30
ns
tsu
Data setup time (input)
10
ns
tho
Data hold time (input)
0
ns
tWLDAC
LDAC width
30
ns
tDLDAC
Delay from CS high to LDAC low
30
ns
VDD high to CS low (power-up delay)
10
µs
(1)
Assured by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect this parameter.
7
Submit Documentation Feedback


同様の部品番号 - DAC8831IRGYT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8831IRGYT TI1-DAC8831IRGYT Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IRGYTG4 TI1-DAC8831IRGYTG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

同様の説明 - DAC8831IRGYT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com