データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQW212H データシート(PDF) 3 Page - COSMO Electronics Corporation

部品番号 KAQW212H
部品情報  SOLID STATE RELAY - MOSFET OUTPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW212H データシート(HTML) 3 Page - COSMO Electronics Corporation

  KAQW212H Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW212H Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQW212H
SHEET 3 OF 7
REV.
0
Data Curve
Load current vs. ambient temperature
Allowable ambient Temperature︰
-40℃ to +85℃
On resistance vs. ambient temperature
across terminals 5,7 and 6,8 pin
LED current:5mA
Continuous load current:400mA(DC)
0
-40 -20
0
20 40 60 80 100
700
100
200
300
400
500
600
0
20
-20
-40
0
60
40
80
5
1
2
4
3
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)
Turn On Time vs. ambient temperature
Load voltage 60V(DC)
LED current︰5mA
Continuous load current:400mA(DC)
Turn Off Time vs. ambient temperature
Load voltage 60V(DC)
LED current︰5mA
Continuous load current:400mA(DC)
80
60
40
0
-40 -20
20
0
1.0
0.2
0.4
0.6
0.8
100
80
60
40
20
0
-20
-40
0
1.0
0.2
0.4
0.6
0.8
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)


同様の部品番号 - KAQW212H

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW212HA COSMO-KAQW212HA Datasheet
174Kb / 7P
   PRODUCT SPECIFICATION
KAQW212H COSMO-KAQW212H_11 Datasheet
172Kb / 7P
   PRODUCT SPECIFICATION
More results

同様の説明 - KAQW212H

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
   MOSFET Output Solid State Relay
logo
COSMO Electronics Corp...
KAQW614H COSMO-KAQW614H Datasheet
222Kb / 10P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV212H COSMO-KAQV212H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com