データシートサーチシステム |
|
TS5A63157YEPR データシート(PDF) 2 Page - Texas Instruments |
|
TS5A63157YEPR データシート(HTML) 2 Page - Texas Instruments |
2 / 27 page www.ti.com TS5A63157 12- Ω SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS203 – DECEMBER 2005 SUMMARY OF CHARACTERISTICS V+ = 5 V, TA = 25°C Single 2:1 Multiplexer/ Configuration Demultiplexer (1 × SPDT) Number of channels 1 ON-state resistance (ron) 12 Ω ON-state resistance match ( ∆r on) 0.15 Ω ON-state resistance flatness (ron(flat)) 6 Ω Turn-on/turn-off time (tON/tOFF) 5.7 ns/3.8 ns Break-before-make time (tBBM) 0.5 ns Charge injection (QC) 7 pC Bandwidth (BW) 250 MHz OFF isolation (OISO) –57 dB at 10 MHz Crosstalk (XTALK) –54 dB at 10 MHz Total harmonic distortion (THD) 0.01% Leakage current (INO(OFF)/INC(OFF)) ±1 µA Power-supply current (I+) 10 µA Undershoot protection –2 V Overshoot protection V+ + 2 V 6-pin SOT-23, SC-70, Package options and DSBGA ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING(2) NanoStar™ – WCSP (DSBGA) Tape and reel TS5A63157YEPR(3) 0.23-mm Large Bump – YEP PREVIEW NanoFree™ – WCSP (DSBGA) 0.23-mm Large Bump – YZP Tape and reel TS5A63157YZPR(3) –40 °C to 85°C (Pb-free) SOT (SOT-23) – DBV Tape and reel TS5A63157DBVR JBE_ SOT (SC-70) – DCK Tape and reel TS5A63157DCKR J7_ (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site. YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, ⋅ = Pb-free). (3) Package preview FUNCTION TABLE NC TO COM, NO TO COM, IN COM TO NC COM TO NO L ON OFF H OFF ON 2 |
同様の部品番号 - TS5A63157YEPR |
|
同様の説明 - TS5A63157YEPR |