データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD10465AZ データシート(PDF) 5 Page - Analog Devices

部品番号 AD10465AZ
部品情報  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD10465AZ データシート(HTML) 5 Page - Analog Devices

  AD10465AZ Datasheet HTML 1Page - Analog Devices AD10465AZ Datasheet HTML 2Page - Analog Devices AD10465AZ Datasheet HTML 3Page - Analog Devices AD10465AZ Datasheet HTML 4Page - Analog Devices AD10465AZ Datasheet HTML 5Page - Analog Devices AD10465AZ Datasheet HTML 6Page - Analog Devices AD10465AZ Datasheet HTML 7Page - Analog Devices AD10465AZ Datasheet HTML 8Page - Analog Devices AD10465AZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD10465
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1
SHIELD
Internal Ground Shield between channels.
2, 4, 5, 9–11
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the device
as possible.
3
REF_A
A Channel Internal Voltage Reference.
6AINA1
Analog Input for A side ADC (nominally
±0.5 V).
7AINA2
Analog Input for A side ADC (nominally
±1.0 V).
8AINA3
Analog Input for A side ADC (nominally
±2.0 V).
12
DRAOUT
Data Ready A Output.
13
AVEE
Analog Negative Supply Voltage (nominally –5.0 V or –5.2 V).
14
AVCC
Analog Positive Supply Voltage (nominally 5.0 V).
26, 27
DGNDA
A Channel Digital Ground.
15–25, 31–33
D0A–D13A
Digital Outputs for ADC A. D0 (LSB).
28
ENCODEA
ENCODE is complement of ENCODE.
29
ENCODEA
Data conversion initiated on rising edge of ENCODE input.
30
DVCC
Digital Positive Supply Voltage (nominally 5.0 V/3.3 V).
43, 44
DGNDB
B Channel Digital Ground.
34–42, 45–49
D0B-D13B
Digital Outputs for ADC B. D0 (LSB).
53–54, 57–61, 65, 68
AGNDB
B Channel Analog Ground. A and B grounds should be connected as close to the device
as possible.
50
DVCC
Digital Positive Supply Voltage (nominally 5.0 V/3.3 V).
51
ENCODEB
Data conversion initiated on rising edge of ENCODE input.
52
ENCODEB
ENCODE is complement of ENCODE.
55
DRBOUT
Data Ready B Output.
56
REF_B
B Channel Internal Voltage Reference.
62
AINB1
Analog Input for B side ADC (nominally
±0.5 V).
63
AINB2
Analog Input for B side ADC (nominally
±1.0 V).
64
AINB3
Analog Input for B side ADC (nominally
±2.0 V).
66
AVCC
Analog Positive Supply Voltage (nominally –5.0 V).
67
AVEE
Analog Negative Supply Voltage (nominally –5.0 V or –5.2 V).
.
PIN CONFIGURATION
68-Lead Ceramic Leaded Chip Carrier
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8765
68 67 66 65 64 63 62
4321
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD10465
AGNDB
AGNDB
AGNDB
AGNDB
REF B
DRBOUT
AGNDB
AGNDA
AGNDA
DRAOUT
AVEE
D0A(LSBA)
D1A
D2A
D3A
D4A
D5A
AGNDB
ENCODEB
ENCODEB
DVCC
D6A
D7A
D8A
D9A
D10A
DGNDA
D13B(MSBB)
D12B
D11B
D10B
D9B
DGNDB
AVCC


同様の部品番号 - AD10465AZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD10465 AD-AD10465 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD10465BZ AD-AD10465BZ Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD10465PCB AD-AD10465PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results

同様の説明 - AD10465AZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com