データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X0202-SOT-223 データシート(PDF) 5 Page - Unisonic Technologies

部品番号 X0202-SOT-223
部品情報  SCR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202-SOT-223 データシート(HTML) 5 Page - Unisonic Technologies

  X0202-SOT-223 Datasheet HTML 1Page - Unisonic Technologies X0202-SOT-223 Datasheet HTML 2Page - Unisonic Technologies X0202-SOT-223 Datasheet HTML 3Page - Unisonic Technologies X0202-SOT-223 Datasheet HTML 4Page - Unisonic Technologies X0202-SOT-223 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UTCX0202/A
SCR
UTC UNISONIC TECHNOLOGIES CO. LTD
5
QW-R301-006,A
0.0
0.5
1.5
1.0
2.0
4.0
2.5
3.0
3.5
5.0
4.5
0
10
30
40
60
50
80
70
20
100
120
130
Rth(j-a) (℃/W)
90
110
Figure 11. Thermal resistance junction to ambient versus
copper surface under tab(Epoxy printed circuit board
FR4,copper thickness: 35μm)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


同様の部品番号 - X0202-SOT-223

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
X0202-AA3-R UTC-X0202-AA3-R Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-B UTC-X0202-T92-B Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-K UTC-X0202-T92-K Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-R UTC-X0202-T92-R Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
More results

同様の説明 - X0202-SOT-223

メーカー部品番号データシート部品情報
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com