データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA-18-8005 データシート(PDF) 1 Page - Teledyne Technologies Incorporated

部品番号 TPA-18-8005
部品情報  Amplifier 8 GHz - 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELEDYNE [Teledyne Technologies Incorporated]
ホームページ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TPA-18-8005 データシート(HTML) 1 Page - Teledyne Technologies Incorporated

  TPA-18-8005 Datasheet HTML 1Page - Teledyne Technologies Incorporated TPA-18-8005 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
TPA-18-8005
Amplifier
8 GHz - 18 GHz
08/05
ISO 9001:2000
8 GHz - 18 GHz
TPA-18-8005
30 dB
Gain Vs Temp at any Frequency: This Amplifier is not Temperature Compensated
5.5 dB
20 dBm
+/-1.5 dB
28 dBm
440 mA
485 mA
SX6
+25C
This Amplifier offers exceptional performance over the band 8
GHz to 18 GHz with 20 dBm P1dB output power and 30 dB
Gain.


同様の部品番号 - TPA-18-8005

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
TPA-18-8003 TELEDYNE-TPA-18-8003 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8004 TELEDYNE-TPA-18-8004 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8006 TELEDYNE-TPA-18-8006 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8007 TELEDYNE-TPA-18-8007 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
More results

同様の説明 - TPA-18-8005

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
CPA-18-8004 TELEDYNE-CPA-18-8004 Datasheet
894Kb / 2P
   Amplifier 8 GHz - 18 GHz
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8003 TELEDYNE-TPA-18-8003 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8006 TELEDYNE-TPA-18-8006 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
CPA-18-8003 TELEDYNE-CPA-18-8003 Datasheet
894Kb / 2P
   Amplifier 8 GHz - 18 GHz
CPA-18-8007 TELEDYNE-CPA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
TMA-18-8007 TELEDYNE-TMA-18-8007 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
CPA-18-8006 TELEDYNE-CPA-18-8006 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8007 TELEDYNE-TPA-18-8007 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8004 TELEDYNE-TPA-18-8004 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com