データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PA75 データシート(PDF) 4 Page - Cirrus Logic

部品番号 PA75
部品情報  DUAL POWER OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APEX [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA75 データシート(HTML) 4 Page - Cirrus Logic

  PA75 Datasheet HTML 1Page - Cirrus Logic PA75 Datasheet HTML 2Page - Cirrus Logic PA75 Datasheet HTML 3Page - Cirrus Logic PA75 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA75
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA75U REV D MARCH 2006 © 2006 Apex Microtechnology Corp.
GENERAL
Please read Application Note 1 “General Operating Consider-
ations” which covers stability, supplies, heatsinking, mounting,
SOA interpretation, and specification interpretation. Visit www.
apexmicrotech.com for design tools that help automate tasks
such as calculations for stability, internal power dissipation,
heatsink selection; Apex’s complete Application Notes library;
Technical Seminar Workbook; and Evaluation Kits.
STABILITY CONSIDERATIONS
All monolithic power op amps use output stage topologies
that present special stability problems. This is primarily due to
non-complementary (both devices are NPN) output stages with
a mismatch in gain and phase response for different polarities
of output current. It is difficult for the op amp manufacturer to
optimize compensation for all operating conditions.
SAFE OPERATING AREA (SOA)
The SOA curves combine the effect of all limits for this power
op amp. For a given application, the direction and magnitude
of the output current should be calculated or measured and
checked against the SOA curves. This is simple for resistive
loads but more complex for reactive and EMF generating
loads.
THERMAL CONSIDERATIONS
The PA75CD and CX have a large exposed copper heat
tab to which the monolithic is directly attached. The PA75CD
and CX may require a thermal washer, which is electrically
insulating since the tab is directly tied to -VS. This can result
in a thermal impedance RCS of up to 1˚C/W or greater.
The PA75CC has a large exposed integrated copper heatslug
to which the monolithic is directly attached. The solder connec-
tion of the heatslug to a minimum of 1 square inch foil area of
the printed circuit board will result in thermal performance of
25°C/W junction to air rating of the PA75CC. Solder connec-
tion to an area of 1 to 2 square inches of foil is required for
minimal power applications
Where the PA75CC is used in higher power applications,
it is necessary to use surface mount techniques of heatsink-
ing. Surface mount techniques include the use of a surface
mount fan in combination with a surface mount heatsink on
the backside of the FR4/ PC board with through hole thermal
vias. Other highly thermal conductive substrate board materials
are available for maximum heat sinking.
MOUNTING PRECAUTIONS
1. Always use a heat sink. Even unloaded the PA75 can dis-
sipate up to .4 watts.
2. Avoid bending the leads. Such action can lead to internal
damage.
3. Always fasten the tab of the CD and CX package to the heat
sink before the leads are soldered to fixed terminals.
4. Strain relief must be provided if there is any probability of
axial stress to the leads.


同様の部品番号 - PA75

メーカー部品番号データシート部品情報
logo
Cirrus Logic
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H14-B-T UTC-PA7522-H14-B-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results

同様の説明 - PA75

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
logo
List of Unclassifed Man...
PA75CC ETC2-PA75CC Datasheet
773Kb / 5P
   Dual Power Operational Amplifiers
logo
Cirrus Logic
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4