データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP-5-3.3-D24N データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 BCP-5-3.3-D24N
部品情報  Dual Output Mixed Voltage, BCP Models
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BCP-5-3.3-D24N データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BCP-5-3.3-D24N Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 9Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 10Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 11Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
75W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
XCP Series
Ambient Temperature (
°C)
Output Power vs. Ambient Temperature
(Without heat sink, 5V Output, 3.3V @ 0A.)
80
70
60
50
40
30
20
10
0
–40
–10
0
102030
40
50
60
7080
90
100
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Output Power vs. Ambient Temperature
(With HS-CP heat sink, 5V Output, 3.3V @ 0A.)
Ambient Temperature (
°C)
80
70
60
50
40
30
20
10
0
–40
0
35
4045
505560
65
70
75
80
85
90
95
100
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
Output Power vs. Ambient Temperature
(Without heat sink, 5V Output, 3.3V @ 0A.)
80
70
60
50
40
30
20
10
0
–40
–10
0
102030
40
50
60
7080
90
100
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Output Power vs. Ambient Temperature
(With HS-CP heat sink, 5V Output, 3.3V @ 0A.)
Ambient Temperature (
°C)
80
70
60
50
40
30
20
10
0
–40
0
35
4045
505560
65
70
75
80
85
90
95
100
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
50
40
30
20
10
0
–40
–10
0
102030
40
50
60
7080
90
100
Output Power vs. Ambient Temperature
(Without heat sink, 3.3V Output, 5V @ 0A.)
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
50
40
30
20
10
0
–40
0
35
4045
505560
65
70
75
80
85
90
95
100
Output Power vs. Ambient Temperature
(With HS-CP heat sink, 3.3V Output, 5V @ 0A.)
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
50
40
30
20
10
0
–40
–10
0
102030
40
50
60
7080
90
100
Output Power vs. Ambient Temperature
(Without heat sink, 3.3V Output, 5V @ 0A.)
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
50
40
30
20
10
0
–40
0
35
4045
505560
65
70
75
80
85
90
95
100
Output Power vs. Ambient Temperature
(With HS-CP heat sink, 3.3V Output, 5V @ 0A.)
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
D24 Model
D48 Model
Typical Performance Curves
10


同様の部品番号 - BCP-5-3.3-D24N

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

同様の説明 - BCP-5-3.3-D24N

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP80U-0522T VOLGEN-SP80U-0522T Datasheet
282Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com