データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP-5-3.3-D24N データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 BCP-5-3.3-D24N
部品情報  Dual Output Mixed Voltage, BCP Models
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BCP-5-3.3-D24N データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  BCP-5-3.3-D24N Datasheet HTML 1Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 2Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 3Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP-5-3.3-D24N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BCP Models
75W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
Performance/Functional Specifications
Typical @ TA = +25°C under nominal line voltage, balanced "full-load" conditions, unless noted.
Input
Input Voltage Range:
D24 Models
18-36 Volts (24V nominal)
D48 Models
36-75 Volts (48V nominal)
Overvoltage Shutdown:
D24 Models
37.5-40.5 Volts (39V typical)
D48 Models
78.8-87.0 Volts (83V typical)
Start-Up Threshold:
D24 Models
15.5-18 Volts (16.5V typical)
D48 Models
33.5-36 Volts (34.4V typical)
Undervoltage Shutdown:
D24 Models
14-16 Volts (15.3V typical)
D48 Models
30.5-33.5 Volts (31.8V typical)
Input Current:
Normal Operating Conditions
See Ordering Guide
Minimum Input Voltage:
D24 Models
5.02 Amps maximum
D48 Models
2.51 Amps maximum
Standby Mode:
Off, OV, UV, Thermal Shutdown
17mA typical
Input Reflected Ripple Current:
Source Impedance <0.1
22µF Low-ESR Capacitor
53mArms, 150mAp-p maximum
Input Filter Type
Pi (0.47pF - 4.7µH - 3µF)
Reverse-Polarity Protection:
D24 Models
1 minute duration, 6A maximum
D48 Models
1 minute duration, 4A maximum
On/Off Control: (Pin 3)
➁ ➂ ➄
D24 & D48 Models
On = open or 2.0 - +VIN, IIN = 50µA max.
Off = 0-0.6V, IIN = 1mA max.
D24N & D48N" Models
On = 0-0.6V, IIN = 1mA max.
Off = open or 2.0 - +VIN, IIN = 50µA max.
Sync (Option, Pin 3):
➁ ➂ ➄
Input Threshold (Rising Edge Active)
0.9-1.8 Volts
Input Voltage Low
0-0.8 Volts
Input Voltage High
2.9-5.0 Volts
Input Resistance
35k
Ω minimum
Output High Voltage (100µA load)
2.1-2.8 Volts
Input/Output Pulse Width
200-450nsec
Output
VOUT Accuracy
5V Output
±2% maximum
3.3V Output
±2% maximum
Minimum Loading Per Specification
No load
Ripple/Noise (20MHz BW)
➁ ➃
See Ordering Guide
Line/Load Regulation
See Ordering Guide
Efficiency
See Ordering Guide and Efficiency Curves
Trim Range
±10% independent
Isolation Voltage:
Input-to-Output
1500Vdc minimum
Input-to-Case
1000Vdc minimum
Output-to-Case
1000Vdc minimum
Isolation Capacitance
470pF
Isolation resistance
100M
Current Limit Inception:
5V @ 98% VOUT (3.3V no-load)
16-20 Amps
3.3V @ 98% VOUT (5V no-load)
16-20 Amps
Short Circuit Current:
Constant current 25A, indefinite
Temperature Coefficient
±0.02% per °C
Output (continued)
Overvoltage Protection:
Magnetic feedback, latching
5V Output
6.8 volts
3.3V Output
4.5Volts
Dynamic Characteristics
Dynamic Load Response:
5V (50-100% load step to 1% VOUT)
450µsec maximum
3.3V (50-100% load step to 1% VOUT)
450µsec maximum
Start-Up Time:
VIN to VOUT
30msec maximum
On/Off to VOUT
20msec maximum
Switching Frequency
350kHz (±35kHz)
Environmental
MTBF
Bellcore, ground fixed, controlled
D24 Models
1.49M hours (case @ 50°C)
D48 Models
1.72M hours (case @ 50°C)
Operating Temperature (Ambient):
θ Case to Ambient, No Heatsink
6.8°C/Watt
Without Derating
–40 to +45°C (with heat sink)
With Derating
To +100°C (See Derating Curves)
Case Temperature:
Maximum Allowable
+100°C
For Thermal Shutdown
+100°C minimum, +110°C maximum
Storage Temperature
–40 to +120°C
Physical
Dimensions
2.3" x 2.4" x 0.525" (58.4 x 61 x 13.3mm)
Case (Baseplate) Connection
Pin 2
Case/Pin Material
Diallyl phthalate, UL94V-0 rated, aluminum
baseplate; solder-tinned brass pins
Weight
4.2 ounces (118 grams)
Primary to Secondary Insulation Level Basic
Absolute Maximum Ratings
➀ Models are specified at "full load" (5V & 3.3V @ 7.5A), with an external 22µF, low-ESR,
input capacitor and 10µF tantalum in parallel with 1µF ceramic output capacitors.
➁ See Technical Notes for details.
➂ Devices may be ordered with opposite polarity (pin 3 open = off), or the On/Off Control
function can be replaced with a sync function. See Part Number Suffixes and Technical
Notes for additional information.
➃ Output noise may be further reduced with the installation of additional external output
capacitors. See Technical Notes.
➄ These signals must be referenced to the input return pin (–VIN).
➅ Demonstrated MTBF available on request.
Input Voltage:
Continuous:
D24 Models
40.5 Volts
D48 Models
87 Volts
Transient (100msec): D24 Models
50 Volts
D48 Models
100 Volts
Input Reverse-Polarity Protection
Input Current must be limited. 1 minute
duration. Fusing recommended.
D24 Models
6 Amps
D48 Models
4 Amps
Output Overvoltage Protection
3.3V Outputs
3.8 Volts, latching
5V Outputs
6.2 Volts, latching
Output Current
Current limited. Devices can withstand
an indefinite output short circuit.
Storage Temperature
–40 to +120°C
Lead Temperature (Soldering, 10 sec.)
+300°C
These are stress ratings. Exposure of devices to any of these conditions may adversely
affect long-term reliability. Proper operation under conditions other than those listed in the
Performance/Functional Specifications Table is not implied, nor recommended.
3


同様の部品番号 - BCP-5-3.3-D24N

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

同様の説明 - BCP-5-3.3-D24N

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP80U-0522T VOLGEN-SP80U-0522T Datasheet
282Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12