データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP-15-15-D48N データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 BCP-15-15-D48N
部品情報  Dual Output Mixed Voltage, BCP Models
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BCP-15-15-D48N データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BCP-15-15-D48N Datasheet HTML 2Page - List of Unclassifed Manufacturers BCP-15-15-D48N Datasheet HTML 3Page - List of Unclassifed Manufacturers BCP-15-15-D48N Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP-15-15-D48N Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP-15-15-D48N Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP-15-15-D48N Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP-15-15-D48N Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP-15-15-D48N Datasheet HTML 9Page - List of Unclassifed Manufacturers BCP-15-15-D48N Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
75W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
XCP Series
+3.3V
LOAD
+3.3V OUTPUT
–INPUT
+INPUT
3.3V TRIM
3.3V RETURN
+5V OUTPUT
5V TRIM
5V RETURN
10
8
1
4
9
7
5
6
20k
5-22
TURNS
+5V
LOAD
20k
5-22
TURNS
Output Trimming
Both the 5V and 3.3V outputs of the BCP Series can be independently
trimmed via a trimpot (Figure 3A) or a single fixed resistor as shown (Figures
3B & 3C). The trimpot can be used to determine the value of a single fixed
resistor. A single fixed resistor can increase or decrease the output voltage
depending on its connection. Fixed resistors should be metal-film types with
absolute TCR’s less than 100ppm/°C to ensure stability.
Case Connection
BCP DC/DC's do not have their metal baseplate connected to one of the input
pins. The "uncommitted" baseplate is connected to pin 2 which, depending
upon your system configuration, should be connected to either +Input (pin 4),
–Input (pin 1), Output Returns (pins 6 & 9), or earth ground.
+3.3V
LOAD
+3.3V OUTPUT
–INPUT
+INPUT
3.3V TRIM
3.3V RETURN
+5V OUTPUT
5V TRIM
5V RETURN
10
8
1
4
9
7
5
6
+5V
LOAD
+5V
TRIM
DOWN
+3.3V
TRIM
DOWN
Figure 3A. Trim Connections Using a Trimpot
Figure 3B. Increase Output Voltage Trim Connections Using a Fixed Resistor
A resistor connected from the Trim Pin (pin 5 for 5V trim, pin 8 for 3.3V trim)
to the appropriate Return (pin 6 for 5V trim, pin 9 for 3.3V trim) will increase
the output voltage.
A single resistor connected from the Trim Pin (pin 5 for 5V trim, pin 8 for
3.3V trim) to its appropriate +Output (pin 7 for 5V trim, pin 10 for 3.3V trim)
will decrease the output voltage.
+3.3V
LOAD
+3.3V OUTPUT
–INPUT
+INPUT
3.3V TRIM
3.3V RETURN
+5V OUTPUT
5V TRIM
5V RETURN
10
8
1
4
9
7
5
6
+5V
LOAD
+5V
TRIM
UP
+3.3V
TRIM
UP
Figure 3C. Decrease Output Voltage Trim Connections Using a Fixed Resistor
Table 1 shows the typical fixed Trim Resistor values for output voltage
changes of 0 through 10%. Trim adjustment greater than 10% can have an
adverse affect on the converter’s performance and is not recommended.
Table 1. Percentage of Output Voltage Change vs Trim Resistor Value (Ohms)
3.3V
3.3V
5V
5V
Trim Down
Trim Up
Trim Down
Trim Up
0%
1%
47.81k
27.93k
189.75k
61.68k
2%
22.32k
12.78k
91.06k
28.34k
3%
13.82k
7.73k
58.17k
17.23k
4%
9.57k
5.21k
41.72k
11.68k
5%
7.02k
3.69k
31.85k
8.34k
6%
5.320k
2.68k
25.27k
6.12k
7%
4.10k
1.96k
20.57k
4.53k
8%
3.19k
1.42k
17.05k
3.34k
9%
2.48k
1.00k
14.31k
2.42k
10%
1.92k
0.66k
12.12k
1.68k
VO = 5.0 +
VO = 1.25
–4.99
–4.99
1
0.30RT (k
Ω) + 1.5
UP
RT
(k
Ω) + 4.99
DOWN
DOWN
UP
VO = 3.30 +
1
RT (k
Ω) + 2.37
UP
1
(0.3VO) – 1.50
(0.8VO) – 1
RT (k
Ω) =
RT
(k
Ω) =
–2.37
–0.38
UP
1
VO – 3.3
1.14
1.14
+1
0.38 +
1
RT (k
Ω) =
VO = 1.23
RT
(k
Ω)+ 2.37
DOWN
2.07
+1
1.23 +
1
1
–2.37
DOWN
VO
RT
(k
Ω) =
–1.23
1.23
2.07
1
–1
The following equations mathematically depict:
Output Voltage for a given Trim Resistor
Trim Resistor for a given Output Voltage
5 Volt Trim Up
5 Volt Trim Down
3.3 Volt Trim Up
3.3 Volt Trim Down
6
Note: Resistor values are in k
Ω. Accuracy of adjustment is subject
to tolerances of resistor values and factory-adjusted output accuracy.
VO = desired output voltage.


同様の部品番号 - BCP-15-15-D48N

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

同様の説明 - BCP-15-15-D48N

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP80U-0522T VOLGEN-SP80U-0522T Datasheet
282Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com