データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV312MS64 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 MTV312MS64
部品情報  8051 Embedded Monitor Controller Flash Type with ISP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV312MS64 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  MTV312MS64 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MYSON
TECHNOLOGY
MTV312M64
(Rev 0.99)
Revision 0.99
- 3 -
2001/07/26
PIN CONFIGURATION
A “CMOS output pin” means it can sink and drive at least 4mA current. It is not recommended to use such
pin as input function.
A “open drain pin” means it can sink at least 4mA current but only drive 10~20uA to VDD. It can be used as
input or output function and needs an external pull up resistor.
A “8051 standard pin” is a pseudo open drain pin. It can sink at least 4mA current when output is at low level,
and drives at least 4mA current for 160nS when output transits from low to high, then keeps driving at 100uA
to maintain the pin at high level. It can be used as input or output function. It needs an external pull up
resistor when driving heavy load device.
POWER CONFIGURATION
The MTV312M can work on 5V or 3.3V power supply system.
In 5V power system, the VDD pin is connected to 5V power and the VDD3 needs an external capacitor, all
output pins can swing from 0~5V, input pins can accept 0~5V input range. And ADC conversion range is 5V.
However, X1 and X2 pins must be kept below 3.3V.
In 3.3V power system, the VDD and VDD3 are connected to 3.3V power, all output pins swing from 0~3.3V,
HSYNC, VSYNC and open drain pin can accept 0~5V input range, other pins must be kept below 3.3V. And
the ADC conversion range is 3.3V.
8051 Standard Pin
4mA
4mA
Output
Data
Pin
CMOS Output Pin
Open Drain Pin
2 OSC
period
delay
4mA
10uA
Output
Data
120uA
Pin
4mA
Input
Data
No Current
4mA
Output
Data
Pin
Input
Data
VDD
VDD3
5V
10u
MTV312M in
5V System
3.3V
VDD
VDD3
MTV312M in
3.3V System


同様の部品番号 - MTV312MS64

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

同様の説明 - MTV312MS64

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com