データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N01L1618N1AB2-70I データシート(PDF) 4 Page - NanoAmp Solutions, Inc.

部品番号 N01L1618N1AB2-70I
部品情報  1Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NANOAMP [NanoAmp Solutions, Inc.]
ホームページ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N01L1618N1AB2-70I データシート(HTML) 4 Page - NanoAmp Solutions, Inc.

  N01L1618N1AB2-70I Datasheet HTML 1Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(DOC# 14-02-009 REV F ECN# 01-0995)
4
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N01L1618N1A
Power Savings with Page Mode Operation (WE = VIH)
Note: Page mode operation is a method of addressing the SRAM to save operating current. The internal
organization of the SRAM is optimized to allow this unique operating mode to be used as a valuable power
saving feature.
The only thing that needs to be done is to address the SRAM in a manner that the internal page is left open
and 16-bit words of data are read from the open page. By treating addresses A0-A3 as the least significant
bits and addressing the 16 words within the open page, power is reduced to the page mode value which is
considerably lower than standard operating currents for low power SRAMs.
Page Address (A4 - A15 )
LB, UB
OE
CE
Word Address (A0 - A3)
Open page
Word 1
Word 2
Word 16
...


同様の部品番号 - N01L1618N1AB2-70I

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2AB NANOAMP-N01L163WC2AB Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2AB-55I NANOAMP-N01L163WC2AB-55I Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2AB-55I NANOAMP-N01L163WC2AB-55I Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N01L163WC2AB1 NANOAMP-N01L163WC2AB1 Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

同様の説明 - N01L1618N1AB2-70I

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01M083WL1A NANOAMP-N01M083WL1A Datasheet
225Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
N01M0818L1A NANOAMP-N01M0818L1A Datasheet
228Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com