データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N02L1618C1AB2-70I データシート(PDF) 1 Page - NanoAmp Solutions, Inc.

部品番号 N02L1618C1AB2-70I
部品情報  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NANOAMP [NanoAmp Solutions, Inc.]
ホームページ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L1618C1AB2-70I データシート(HTML) 1 Page - NanoAmp Solutions, Inc.

  N02L1618C1AB2-70I Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02L1618C1AB2-70I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02L1618C1AB2-70I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L1618C1AB2-70I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L1618C1AB2-70I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L1618C1AB2-70I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L1618C1AB2-70I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L1618C1AB2-70I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L1618C1AB2-70I Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
N02L1618C1A
(DOC# 14-02-012 REV B ECN# 01-1274)
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Advance Information
2Mb Ultra-Low Power Asynchronous CMOS SRAM
128Kx16 bit
Overview
The N02L1618C1A is an integrated memory
device containing a 2 Mbit Static Random Access
Memory organized as 131,072 words by 16 bits.
The device is designed and fabricated using
NanoAmp’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The base design is the same as
NanoAmp’s N02L163WN1A, which is processed to
operate at higher voltages. The device operates
with a single chip enable (CE) control and output
enable (OE) to allow for easy memory expansion.
Byte controls (UB and LB) allow the upper and
lower bytes to be accessed independently. The
N02L1618C1A is optimal for various applications
where low-power is critical such as battery backup
and hand-held devices. The device can operate
over a very wide temperature range of -40oC to
+85oC and is available in JEDEC standard
packages compatible with other standard 128Kb x
16 SRAMs.
Features
• Single Wide Power Supply Range
1.65 to 2.2 Volts
• Very low standby current
0.5µA at 1.8V (Typical)
• Very low operating current
1.4mA at 1.8V and 1µs (Typical)
• Very low Page Mode operating current
0.5mA at 1.8V and 1µs (Typical)
• Simple memory control
Single Chip Enable (CE)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.2V
• Very fast output enable access time
30ns OE access time
• Automatic power down to standby mode
• TTL compatible three-state output driver
• Compact space saving BGA package avail-
able
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply
(Vcc)
Speed
Standby
Current (ISB),
Max
Operating
Current (Icc),
Max
N02L1618C1AB
48 - BGA
-40oC to +85oC 1.65V - 2.2V
70/85ns @
1.65V
10
µA3 mA @ 1MHz
N02L1618C1AB2 Green 48-BGA
N02L1618C1AT2 Green 44-TSOP2
N02L1618C1AT
44 - TSOP2


同様の部品番号 - N02L1618C1AB2-70I

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

同様の説明 - N02L1618C1AB2-70I

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com