データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N04L163WC2AT データシート(PDF) 4 Page - NanoAmp Solutions, Inc.

部品番号 N04L163WC2AT
部品情報  4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NANOAMP [NanoAmp Solutions, Inc.]
ホームページ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04L163WC2AT データシート(HTML) 4 Page - NanoAmp Solutions, Inc.

  N04L163WC2AT Datasheet HTML 1Page - NanoAmp Solutions, Inc. N04L163WC2AT Datasheet HTML 2Page - NanoAmp Solutions, Inc. N04L163WC2AT Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04L163WC2AT Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04L163WC2AT Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04L163WC2AT Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04L163WC2AT Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04L163WC2AT Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04L163WC2AT Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(DOC# 14-02-017 REV G ECN# 01-1268)
4
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N04L163WC2A
Absolute Maximum Ratings1
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
260oC, 10sec
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
Max
Unit
Supply Voltage
VCC
2.3
3.0
3.6
V
Data Retention Voltage
VDR
Chip Disabled3
1.8
3.6
V
Input High Voltage
VIH
1.8
VCC+0.3
V
Input Low Voltage
VIL
–0.3
0.6
V
Output High Voltage
VOH
IOH = 0.2mA
VCC–0.2
V
Output Low Voltage
VOL
IOL = -0.2mA
0.2
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.5
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
0.5
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system.
ICC1
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
2.0
3.0
mA
Read/Write Operating Supply Current
@ 70 ns Cycle Time2
ICC2
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
10.0
16.0
mA
Page Mode Operating Supply Current
@ 70ns Cycle Time2 (Refer to Power
Savings with Page Mode Operation
diagram)
ICC3
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
4.0
mA
Read/Write Quiescent Operating Sup-
ply Current3
3. This device assumes a standby mode if the chip is disabled (CE1 high or CE2 low). In order to achieve low standby current all
inputs must be within 0.2 volts of either VCC or VSS.
ICC4
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0,
f = 0
2.0
mA
Maximum Standby Current3
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 85oC, VCC = 3.6 V
4.0
20.0
µA
Maximum Data Retention Current3
IDR
Vcc = 1.8V, VIN = VCC or 0
Chip Disabled, tA= 85oC
10
µA


同様の部品番号 - N04L163WC2AT

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB NANOAMP-N04L163WC1AB Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB-70I NANOAMP-N04L163WC1AB-70I Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB1 NANOAMP-N04L163WC1AB1 Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB1-70I NANOAMP-N04L163WC1AB1-70I Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

同様の説明 - N04L163WC2AT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
logo
AMI SEMICONDUCTOR
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com