データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N08L083WC2CT1-55IL データシート(PDF) 7 Page - NanoAmp Solutions, Inc.

部品番号 N08L083WC2CT1-55IL
部品情報  8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NANOAMP [NanoAmp Solutions, Inc.]
ホームページ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08L083WC2CT1-55IL データシート(HTML) 7 Page - NanoAmp Solutions, Inc.

  N08L083WC2CT1-55IL Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Stock No. 23379-A
7
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08L083WC2C
Advance Information
Data Retention Waveform
Note: Full device operation requires linear Vcc ramp from VDR to Vcc(min) > 100 µs
Data Retention Characteristics
Parameter
Description
Condition
Min
Typ
Max
Unit
VDR
Vcc for Data Retention
1.5
V
ICCDR
Data Retention Current
Vcc = 1.5V, CE
≥ Vcc - 0.2V,
VIN
≥ Vcc - 0.2V or VIN ≤ 0.2V
10
µA
-L
4
tCDR
Chip Deselect to Data
Retention Time
0ns
tR
Operation Recovery Time
tRC
ns
Vcc
CE1 or
LB/UB
or
CE2
Data Retention Mode
VDR 1.5V
tCDR
tR
Vcc(min)
Vcc(min)


同様の部品番号 - N08L083WC2CT1-55IL

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L1618C2AB NANOAMP-N08L1618C2AB Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L1618C2AB2 NANOAMP-N08L1618C2AB2 Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1CT1 NANOAMP-N08L163WC1CT1 Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results

同様の説明 - N08L083WC2CT1-55IL

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N16L163WC2C NANOAMP-N16L163WC2C Datasheet
265Kb / 11P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
NanoAmp Solutions, Inc.
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com