データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N08L163WC2CZ1-55IL データシート(PDF) 3 Page - NanoAmp Solutions, Inc.

部品番号 N08L163WC2CZ1-55IL
部品情報  8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NANOAMP [NanoAmp Solutions, Inc.]
ホームページ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08L163WC2CZ1-55IL データシート(HTML) 3 Page - NanoAmp Solutions, Inc.

  N08L163WC2CZ1-55IL Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08L163WC2CZ1-55IL Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08L163WC2CZ1-55IL Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08L163WC2CZ1-55IL Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08L163WC2CZ1-55IL Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08L163WC2CZ1-55IL Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08L163WC2CZ1-55IL Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08L163WC2CZ1-55IL Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08L163WC2CZ1-55IL Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Stock No. 23380-C
3
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08L163WC2C
Advance Information
Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional oper-
ation of the device at these or any other conditions above those indicated in the operating section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–65 to 150
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
260oC, 10sec
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
Max
Unit
Supply Voltage
VCC
2.2
3.0
3.6
V
Data Retention Voltage
VDR
Chip Disabled
1.5
V
Input High Voltage
VIH
Vcc = 2.2V to 2.7V
1.8
VCC+0.3
V
Vcc = 2.7V to 3.6V
2.2
VCC+0.3
Input Low Voltage
VIL
Vcc = 2.2V to 2.7V
–0.3
0.6
V
Vcc = 2.7V to 3.6V
–0.3
0.8
Output High Voltage
VOH
IOH = -0.1mA, Vcc = 2.2V
2.0
V
IOH = -1.0mA, Vcc = 2.7V
2.4
Output Low Voltage
VOL
IOL = 0.1mA, Vcc = 2.2V
0.4
V
IOL = 2.1mA, Vcc = 2.7V
0.4
Input Leakage Current
ILI
VIN = 0 to VCC
-1
1
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
-1
1
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system.
ICC1
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
1.5
3
mA
-L
1.5
3
Read/Write Operating Supply Current
@ fmax
ICC2
VCC=3.6 V, VIN=VIH or VIL Chip
Enabled, IOUT = 0
12.0
20.0
mA
-L
12.0
15.0
Maximum Standby Current
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 85oC, VCC = 3.6 V
2.0
20
µA
-L
2.0
8
Maximum Data Retention Current
IDR
Vcc = 1.5V, CE
≥ Vcc - 0.2V,
VIN
≥ Vcc - 0.2V or VIN ≤ 0.2V
10
µA
-L
4


同様の部品番号 - N08L163WC2CZ1-55IL

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results

同様の説明 - N08L163WC2CZ1-55IL

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
GSI Technology
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com