データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13821 データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MC13821
部品情報  Low Noise Amplifier with Bypass Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13821 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Electrical Specifications
MC13821 Advance Information, Rev. 1.0
6
Freescale Semiconductor
2140 MHz (R1 = 1.5 k
Ω, R2 = 10 kΩ, C2 = 1 pF) (Refer to Figure 11)
Frequency
f
2140
MHz
Active Gain
G
14.5
15.7
17.5
dB
Active Noise Figure
NF
-
1.3
1.8
dB
Active Input Third Order Intercept Point
IIP3
2
5
-
dBm
Active Input 1dB Compression Point
P1dB
-5
-4
-
dBm
Active Current @ 2.75 V
ICC
-4.45
5.5
mA
Bypass Gain
G
-5
-4
-
dB
Bypass Noise Figure
NF
-
3.5
6
dB
Bypass Input Third Order Intercept Point
IIP3
20
-
dBm
Bypass Current
-
10
20
µA
2400 MHz (Refer to Figure 12)
Frequency
f
-
2400
-
MHz
Active Gain
G
13.5
14
-
dB
Active Noise Figure
NF
-
1.49
1.65
dB
Active Input Third Order Intercept Point
IIP3
3.5
4.0
-
dBm
Active Input 1dB Compression Point
P1dB
-5.0
-4.0
-
dBm
Active Current @ 2.75 V
ICC
-2.8
3.2
mA
Bypass Gain
G
-5.0
-4.0
-
dB
Bypass Noise Figure
NF
-
4.2
6
dB
Bypass Input Third Order Intercept Point
IIP3
22
24
-
dBm
Bypass Current
-
10
20
µA
Table 5. Truth Table
Pin Function
Pin Name
Enable
Disable
Low Gain
High Gain
Low Gain
High Gain
Circuit Bias VCC1
VCC1
1111
Toggles Gain Mode (Active or
Bypass)
GAIN
0101
Toggles LNA On/Off
ENABLE
1100
LNA Bias VCC3
LNA Out
1111
NOTES: 1. Logic state "1" equals VCC voltage. Logic state of "0" equals ground potential.
2. VCC3 is inductively coupled to LNA OUT pin
3. Minimum logic state “1” for enable and gain pins is 1.25 V.
4. Minimum logic state “0” for enable and gain pins is 0.8 V.
Table 4. Electrical Characteristics Measured in Frequency Specific Tuned Circuits (continued)
(VCC = 2.75 V, TA = 25°C, Rbias = 2 kΩ, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC13821

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Freescale Semiconductor...
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results

同様の説明 - MC13821

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com