データシートサーチシステム |
|
TP5322N8 データシート(PDF) 2 Page - Supertex, Inc |
|
TP5322N8 データシート(HTML) 2 Page - Supertex, Inc |
2 / 2 page TP5322 Rev. 3 September 14, 2004 2 Thermal Characteristics Package ID (continuous) ID (pulsed) Power Dissipation @ TA = 25°C θJC °C/W θJA °C/W IDR* IDRM TO-243AA -0.26A -0.90A 1.6W 15 78** -0.26A -0.9A TO-236AB -0.12A -0.70A 0.36W 200 350 -0.12A -0.7A *ID(continous) is limited by max rated Tj. **Mounted on FR4 board, 25mm x 25mm x 1.57mm. Significant PD increase possible on ceramic substate. Electrical Characteristics (@25°C unless otherwise specified) Symbol Parameter Min Typ Max Units Conditions BVDSS Drain-to-Source Breakdown Voltage -220 V VGS = 0V, ID = -2mA VGS(th) Gate Threshold Voltage -1.0 -2.4 V VGS = VDS, ID = -1mA ∆VGS(th) Change in VGS(th) with Temperature 4.5 mV/°C VGS = VDS, ID = -1mA IGSS Gate Body Leakage -100 nA VGS = ±20V, VDS = 0V -10 µA VGS = 0V, VDS = Max Rating IDSS Zero Gate Voltage Drain Current -1.0 mA VGS = 0V, VDS = 0.8 Max Rating, TA = 125°C ID(ON) On-State Drain Current -0.7 -0.95 A VGS = -10V, VDS = -25V 10 15 VGS = -4.5V, ID = -100mA RDS(ON) Static Drain-to-Source ON-State Resistance 8.0 12 Ω VGS = -10V, ID = -200mA ∆RDS(ON) Change in RDS(ON) with Temperature 1.7 %/°C VGS = -10V, ID = -200mA GFS Forward Transconductance 100 250 mmho VDS = -25V, ID = -200mA CISS Input Capacitance 110 COSS Common Source Output Capacitance 45 CRSS Reverse Transfer Capacitance 20 pF VGS = 0V, VDS = -25V f = 1MHz td(ON) Turn-ON Delay Time 10 tr Rise Time 15 td(OFF) Turn-Off Delay Time 20 tf Fall Time 15 ns VDD = -25V, ID = -0.7A RGEN = 25 Ω VSD Diode Forward Voltage Drop -1.8 V VGS = 0V, ISD = -0.5A trr Reverse Recovery Time 300 ns VGS = 0V, ISD = -0.5A Notes: 1) All DC parameters 100% tested at 25°C unless otherwise stated. (Pulsed test: 300µs pulse at 2% duty cycle.) 2) All AC parameters sample tested. Switching Waveforms and Test Circuit RGEN Input Pulse Generator VDD RL D.U.T OUTPUT 0V -10V 0V V DD td(OFF) Input Output tr tf td(ON) t(ON) t(OFF) Doc.# DSFP-TP5322 A042005 |
同様の部品番号 - TP5322N8 |
|
同様の説明 - TP5322N8 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |