データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1528-CTA データシート(PDF) 10 Page - Gennum Corporation

部品番号 GS1528-CTA
部品情報  GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528-CTA データシート(HTML) 10 Page - Gennum Corporation

Back Button GS1528-CTA Datasheet HTML 5Page - Gennum Corporation GS1528-CTA Datasheet HTML 6Page - Gennum Corporation GS1528-CTA Datasheet HTML 7Page - Gennum Corporation GS1528-CTA Datasheet HTML 8Page - Gennum Corporation GS1528-CTA Datasheet HTML 9Page - Gennum Corporation GS1528-CTA Datasheet HTML 10Page - Gennum Corporation GS1528-CTA Datasheet HTML 11Page - Gennum Corporation GS1528-CTA Datasheet HTML 12Page - Gennum Corporation GS1528-CTA Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
GS1528 Data Sheet
16632 - 5
June 2005
10 of 13
3.5 Output Amplitude Adjustment
The output amplitude of the GS1528 can be adjusted by changing the value of the
RSET resistor as shown in Figure 3-4 and Table 3-1: RSET vs VOD. For an
800mVp-p output with a nominal ±7% tolerance, a value of 750Ω is required. A ±1%
SMT resistor should be used.
Figure 3-4: Output Amplitude Adjustment
The RSET resistor is part of the high speed output circuit of the GS1528. The
resistor should be placed as close as possible to the RSET pin. In addition, the PCB
capacitance should be minimized at this node by removing the PCB groundplane
beneath the RSET resistor and the RSET pin.
NOTE: For reliable operation of the GS1528 over the full temperature range, do not
use an R
SET value below 573Ω.
Table 3-1: RSET vs VOD
RSET R (Ω)
Output Swing
995
608
824
734
750
800
600
884
573
1040
1100
1000
900
800
700
700
800
900
1000
R
SET
R (
Ω)
600
600
500


同様の部品番号 - GS1528-CTA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1528-CTAE3 GENNUM-GS1528-CTAE3 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTAE3Z GENNUM-GS1528-CTAE3Z Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

同様の説明 - GS1528-CTA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com