データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1561-CF データシート(PDF) 8 Page - Gennum Corporation

部品番号 GS1561-CF
部品情報  GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1561-CF データシート(HTML) 8 Page - Gennum Corporation

Back Button GS1561-CF Datasheet HTML 4Page - Gennum Corporation GS1561-CF Datasheet HTML 5Page - Gennum Corporation GS1561-CF Datasheet HTML 6Page - Gennum Corporation GS1561-CF Datasheet HTML 7Page - Gennum Corporation GS1561-CF Datasheet HTML 8Page - Gennum Corporation GS1561-CF Datasheet HTML 9Page - Gennum Corporation GS1561-CF Datasheet HTML 10Page - Gennum Corporation GS1561-CF Datasheet HTML 11Page - Gennum Corporation GS1561-CF Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
GS1560A/GS1561 Data Sheet
27360 - 8
September 2005
8 of 80
1.3 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
1
CP_VDD
Power
Power supply connection for the charge pump. Connect to +3.3V DC
analog.
2
PDBUFF_GND
Power
Ground connection for the phase detector and serial digital input buffers.
Connect to analog GND.
3
PD_VDD
Power
Power supply connection for the phase detector. Connect to +1.8V DC
analog.
4
BUFF_VDD
Power
Power supply connection for the serial digital input buffers. Connect to
+1.8V DC analog.
5
CD1
Non
Synchronous
Input
STATUS SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the presence of a serial digital input signal. Normally
generated by a Gennum automatic cable equalizer.
When LOW, the serial digital input signal received at the DDI1 and DDI1
pins is considered valid.
When HIGH, the associated serial digital input signal is considered to be
invalid. In this case, the LOCKED signal is set LOW and all parallel outputs
are muted.
6, 8
DDI1, DDI1
Analog
Input
Differential input pair for serial digital input 1.
7
TERM1
Analog
Input
Termination for serial digital input 1. AC couple to EQ_GND.
9
DVB_ASI
Non
Synchronous
Input /
Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be an input set by the application layer in slave mode, and will
be an output set by the device in master mode.
Master Mode (MASTER/SLAVE = HIGH)
The DVB_ASI signal will be HIGH only when the device has locked to a
DVB-ASI compliant data stream. It will be LOW otherwise.
Slave Mode (MASTER/SLAVE = LOW)
When set HIGH in conjunction with SD/HD = HIGH and SMPTE_BYPASS
= LOW, the device will be configured to operate in DVB-ASI mode.
When set LOW, the device will not support the decoding or word alignment
of received DVB-ASI data.
10
IP_SEL
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select DDI1 / DDI1 or DDI2 / DDI2 as the serial digital input signal,
and CD1 or CD2 as the carrier detect input signal.
When set HIGH, DDI1 / DDI1 is selected as the serial digital input and
CD1 is selected as the carrier detect input signal.
When set LOW, DDI2 / DDI2 serial digital input and CD2 carrier detect
input signal is selected.


同様の部品番号 - GS1561-CF

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1561-CF GENNUM-GS1561-CF Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1561-CF GENNUM-GS1561-CF Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1561-CFE3 GENNUM-GS1561-CFE3 Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1561-CFE3 GENNUM-GS1561-CFE3 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
More results

同様の説明 - GS1561-CF

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com