データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1574ACNE3 データシート(PDF) 3 Page - Gennum Corporation

部品番号 GS1574ACNE3
部品情報  GS1574A HD-LINX-R II Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1574ACNE3 データシート(HTML) 3 Page - Gennum Corporation

  GS1574ACNE3 Datasheet HTML 1Page - Gennum Corporation GS1574ACNE3 Datasheet HTML 2Page - Gennum Corporation GS1574ACNE3 Datasheet HTML 3Page - Gennum Corporation GS1574ACNE3 Datasheet HTML 4Page - Gennum Corporation GS1574ACNE3 Datasheet HTML 5Page - Gennum Corporation GS1574ACNE3 Datasheet HTML 6Page - Gennum Corporation GS1574ACNE3 Datasheet HTML 7Page - Gennum Corporation GS1574ACNE3 Datasheet HTML 8Page - Gennum Corporation GS1574ACNE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GS1574A Data Sheet
33416 - 5
March 2006
3 of 16
1. Pin Out
1.1 GS1574A Pin Assignment
Figure 1-1: 16-Pin QFN
1.2 GS1574A Pin Descriptions
GS1574A
(top view)
1
VEE_A
VEE_A
SDI
SDI
2
3
4
SDO
SDO
VEE_D
VEE_D
12
11
10
9
5
7
68
13
14
15
16
Center Pad
(bottom of package, internally
bonded to VEE_A)
Table 1-1: GS1574A Pin Descriptions
Pin Number
Name
Timing
Type
Description
1, 4
VEE_A
Analog
Power
Most negative power supply for analog circuitry.
Connect to GND.
2, 3
SDI, SDI
Analog
Input
Serial digital differential input.
5, 6
AGC, AGC
Analog
External AGC capacitor.
Connect pin 5 and pin 6 together as shown in the Typical Application
Circuit on page 13.
7
BYPASS
Not
Synchronous
Input
Forces the Equalizing and DC RESTORE stages into bypass mode
when HIGH. No equalization occurs in this mode.
8
MCLADJ
Analog
Input
Maximum cable length adjust.
Adjusts the approximate maximum amount of cable to be equalized
(from 0m to the maximum cable length). The output is muted (latched to
the last state) when the maximum cable length is achieved.
NOTE: MCLADJ is only recommended for data rates up to 360Mb/s.
For data rates above this, MCLADJ should be left floating.


同様の部品番号 - GS1574ACNE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1574ACNE3 GENNUM-GS1574ACNE3 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
More results

同様の説明 - GS1574ACNE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com