データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAU213 データシート(PDF) 3 Page - Total Power International

部品番号 MSAU213
部品情報  1 Watts Ultra Miniature SMD DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU213 データシート(HTML) 3 Page - Total Power International

  MSAU213 Datasheet HTML 1Page - Total Power International MSAU213 Datasheet HTML 2Page - Total Power International MSAU213 Datasheet HTML 3Page - Total Power International MSAU213 Datasheet HTML 4Page - Total Power International MSAU213 Datasheet HTML 5Page - Total Power International MSAU213 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Derating Curve
Connecting Pin Patterns
Typical Applications
MSAU200 Series
200mA Slow - Blow Type
500mA Slow - Blow Type
12V Input Models
5V Input Models
Input Fuse Selection Guide
0.5 Second Max.
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
---
---
120
Over Load
mV rms.
5
---
---
Ripple & Noise (20MHz)
mV P-P
150
---
---
Over Line,Load & Temp.
Ripple & Noise (20MHz)
mV P-P
120
60
---
Ripple & Noise (20MHz)
%
See Model Selection Guide
Io=20% to 100%
Load Regulation
%
{1.5
{1.2
---
For Vin Change 1%
Line Regulation
%
{1.0
{0.1
---
Dual Output Balance Load
Output Voltage Balance
%
{3.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
-25
-10
0
20
60
40
80
100
125
Output
Power
%
Ambient Temperature OC
Output
Power
%
20
40
60
80
100
0
20
40
60
80
100
0
-5% / OC
2.54mm
1.0mm Min
1.7mm
10.16mm
10.8mm
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Common
Load #1
Load #2
DC Power
Source
+
-
Fuse
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-3-


同様の部品番号 - MSAU213

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MSAU213 MINMAX-MSAU213 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
MSAU213 MINMAX-MSAU213 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU213 TOTAL-POWER-MSAU213 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
More results

同様の説明 - MSAU213

メーカー部品番号データシート部品情報
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
MicroPower Direct, LLC
I500RU MPD-I500RU Datasheet
165Kb / 2P
   4:1 Input, 5W Ultra-Miniature DC/DC Converters
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
   Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
   Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
   Low Cost, 1W Ultra-Miniature DC/DC Converters
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
   Wide Input, 3W Ultra-Miniature DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
   Low Cost, 1W, Ultra-Miniature DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com