データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAU104 データシート(PDF) 5 Page - Total Power International

部品番号 MSAU104
部品情報  MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU104 データシート(HTML) 5 Page - Total Power International

  MSAU104 Datasheet HTML 1Page - Total Power International MSAU104 Datasheet HTML 2Page - Total Power International MSAU104 Datasheet HTML 3Page - Total Power International MSAU104 Datasheet HTML 4Page - Total Power International MSAU104 Datasheet HTML 5Page - Total Power International MSAU104 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Packaging Specifications
Reel ( 500pcs per Reel )
Tape
13.00¡Ó0.25
0
0 100.0 Min
0 330.0 Max
30.4 Max
2.0+1 / -0
All dimentions in mm
Direction of Unreeling
All dimentions in mm
XX.XX¡Ó0.1
4.00
1.75
11.50
24.00¡Ó0.3
2.00
Sprocket hole tolerance over any 10 pitches ¡Ó0.2
Sprocket hole
1.55 +0.1 / -0
0
13.20
11.60
16.00
0.4 +/- 0.05
7.20
0.30
1.50 +0.25 / -0
0
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-5-
TOTAL POWER INT'L
MSAU100


同様の部品番号 - MSAU104

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MSAU104 MINMAX-MSAU104 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
MSAU104 MINMAX-MSAU104 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU104 MINMAX-MSAU104 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU104 TOTAL-POWER-MSAU104 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
More results

同様の説明 - MSAU104

メーカー部品番号データシート部品情報
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
   1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Total Power Internation...
MSAU200 TOTAL-POWER-MSAU200 Datasheet
167Kb / 6P
   1 Watts Ultra Miniature SMD DC/DC Converters
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
logo
Wall Industries,Inc.
LANEC WALL-LANEC Datasheet
112Kb / 2P
   Single Output, to 1 Watt dc/dc converters
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
I500ERW MPD-I500ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com