データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PL78M05XA3 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 PL78M05XA3
部品情報  Three Terminal Medium Current Positive Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL78M05XA3 データシート(HTML) 1 Page - Cystech Electonics Corp.

  PL78M05XA3 Datasheet HTML 1Page - Cystech Electonics Corp. PL78M05XA3 Datasheet HTML 2Page - Cystech Electonics Corp. PL78M05XA3 Datasheet HTML 3Page - Cystech Electonics Corp. PL78M05XA3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C520A3
Issued Date : 2003.03.27
Revised Date :
. .
Page No. : 1/4
PL78M05A3
CYStek Product Specification
Three Terminal Medium Current Positive
Voltage Regulators
PL78M05XA3
Description
These regulators employ internal current-limiting and thermal-shutdown,
making them essentially indestructible. They can deliver up to 500mA
output current, if the case temperature can be kept at Tc=25
°C.
They are intended as fixed voltage regulators in a wide range of applications including local (on-card)
regulation for elimination of noise and distribution problems associated with single-point regulation. In
addition, they can be used with power pass elements to make high-current voltage regulators. The
PL78M05XA3 used as a Zener diode/resistor combination replacement, offers an effective output
impedance improvement of typically two orders of magnitude, along with lower quiescent current and lower
noise.
Absolute Maximum Ratings (Ta=25°C)
• Input Voltage………………………………………………………………………………………………. 35 V
• Total Power Dissipation……………………………………………………………………. Internally limited
• Operating Temperature Range……………………………………………………………. 0 °C to +125 °C
• Maximum Junction Temperature………………………………………………………………………125 °C
• Storage Temperature Range………………………………………………………………-55 °C to +150 °C
• Lead Temperature (Soldering 10S)……………………………….. ……………………………...260
°C
Schematic Diagram
Typical Application
TO-92
1.9k
Gnd
576
3.41k
3.89k
7.8k
13k
2.84k
5.7k
100
100
Vin
Vout
2.23k
1.5k
5k
5p
PL78M05
Vout
Vin
C1
C2
Note:
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.


同様の部品番号 - PL78M05XA3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
More results

同様の説明 - PL78M05XA3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com