データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PL7806XJ3 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 PL7806XJ3
部品情報  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL7806XJ3 データシート(HTML) 1 Page - Cystech Electonics Corp.

  PL7806XJ3 Datasheet HTML 1Page - Cystech Electonics Corp. PL7806XJ3 Datasheet HTML 2Page - Cystech Electonics Corp. PL7806XJ3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C522J3
Issued Date : 2003.04.02
Revised Date :
Page No. : 1/3
PL7806J3
CYStek Product Specification
3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7806XJ3
Description
The PL7806XJ3 series of three-terminal positive regulators are
available in the TO-252 package. These regulators can provide local
on-card regulation, eliminating the distribution problems associated
with single point regulation. Each employs internal current limiting,
thermal shutdown and safe operating area protection, making it essentially indestructible. If
adequate heat sinking is provided, they can deliver over 1A output current.
Although designed primarily as fixed voltage regulators, these devices can be used with external
components to obtain adjustable voltages and currents.
PL7806XJ3 is characterized for operation from 0
°C to +125°C, and if operating temperature is
always high, please refer to the power dissipation curve.
Absolute Maximum Ratings (Ta=25°C)
• Input Voltage ....................................................................................................................... 35 V
• Total Power Dissipation .................................................................................... Internally limited
• Operating Temperature Range .......................................................................... 0 °C to +125 °C
• Maximum Junction Temperature ..................................................................................... 125 °C
• Storage Temperature Range .......................................................................... -55 °C to +150 °C
• Lead Temperature (Soldering 10S) ................................................................................. 230 °C
Typical Application
Schematic Diagram
6.3V
3.4K
200
10K
200
1K
2K
0.3
26
4K
20pF
4K
1K
12.1K
1.2
26
1.9K
30K
VREF
Input
Output
GND
PL7806
Vout
Vin
3
1
2
C1
C2
Note:
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.
TO-252


同様の部品番号 - PL7806XJ3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
PL7806XE3 CYSTEKEC-PL7806XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

同様の説明 - PL7806XJ3

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com