データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAU102 データシート(PDF) 1 Page - Minmax Technology Co., Ltd.

部品番号 MSAU102
部品情報  1W, Miniature SMD, Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINMAX [Minmax Technology Co., Ltd.]
ホームページ  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU102 データシート(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSAU102 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU102 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU102 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU102 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU102 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU102 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSAU102 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSAU102 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Block Diagram
Low Profile
Low Cost
$
I/O Isolation
1000
VDC
SMD
Minmax's MSAU100 1W DC/DC's are in "gull-wing" SMT package,
weigh a mere 1.5 grams and meet 245]/10sec in solder-reflow for lead
free process.
The series consists of 9 models with input voltages of 5V and
12VDC which offers standard single output voltages of 3.3V, 5V, 9V, 12V
and 15VDC for the choice.
Their impressive guaranteed efficiencies enable all models to deliver
their fully rated output power from -40] to +85] without heat sinking
or forced-air cooling.
The MSAU100 series is an excellent selection for a variety of
applications including data communication equipments, distributed power
systems, telecommunication equipments and industrial robot systems.
The MSAU100 units are available
in tape and reel package.
Interanl SMD Construction
UL 94V-0 Package Material
Lead Frame Technology
Temperature Performance -40] to +85]
Output 3.3, 5, 9, 12 and 15VDC
Input 5 and 12VDC
Low Cost
MTBF > 2,000,000 Hours
1000VDC Isolation
Efficiency up to 82%
Key Features
1W, Miniature SMD, Single Output DC/DC Converters
MSAU100 Series
REV:0 2005/04
MINMAX
1


同様の部品番号 - MSAU102

メーカー部品番号データシート部品情報
logo
Total Power Internation...
MSAU102 TOTAL-POWER-MSAU102 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
Minmax Technology Co., ...
MSAU102 MINMAX-MSAU102 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU102 MINMAX-MSAU102 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU102 TOTAL-POWER-MSAU102 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
More results

同様の説明 - MSAU102

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
   Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Toppower Electronic Tec...
TPTE-1W-3KVDC TOPPOWER-TPTE-1W-3KVDC Datasheet
185Kb / 3P
   1W Isolated Single Output SMD DC/DC Converters
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
   Isolated Sub-Miniature 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com