データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CASD355SG データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 CASD355SG
部品情報  100V/100mA SURFACE MOUNT SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD355SG データシート(HTML) 1 Page - Cystech Electonics Corp.

  CASD355SG Datasheet HTML 1Page - Cystech Electonics Corp. CASD355SG Datasheet HTML 2Page - Cystech Electonics Corp. CASD355SG Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C332SG
Issued Date : 2004.03.26
Revised Date :
Page No. : 1/3
CASD355SG
CYStek Product Specification
100V/100mA SURFACE MOUNT SWITCHING DIODE
CASD355SG
Features:
● Small surface mounting type
● High reliability
● High speed(trr<4ns)
Mechanical data:
● Case: Molded plastic, JEDEC SOD-323
● Terminals : Solder plated, solderable per MIL-STD-750, method 2026.
● Polarity: Indicated by cathode band
● Mounting position: Any
● Weight: 0.000159 ounce, 0.0045 gram
Absolute Maximum Ratings(At Ta=25℃, unless otherwise noted)
Characteristics
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Average Forward Current, VR=0
IFAV
100
mA
Peak Forward Surge Current, tp<1s
IFSM
500
mA
Power Dissipation
PD
350
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Tstg
-55 to +175
°C
Electrical Characteristics ( At Ta=25°C, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF=10mA
VF
-
-
1.2
V
VR=25V
IR
-
-
100
nA
VR=25V, Tj=150℃
IR
-
-
50
µA
Reverse Current
VR=80V
IR
-
-
30
µA
Breakdown Voltage
IR=100µA, Tp/T=0.01, Tp=0.3ms
V(BR)
100
-
-
V
Diode Capacitance
VR=0, f=1MHz, VHF=50mV
CD
4
pF
Reverse Recovery Time
IF=10mA,VR=6V,IRR=0.1×IR, RL=100Ω
trr
4
ns


同様の部品番号 - CASD355SG

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
CASD355SY CYSTEKEC-CASD355SY Datasheet
146Kb / 3P
   80V/100mA SURFACE MOUNT SWITCHING DIODE
More results

同様の説明 - CASD355SG

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SUNMATE electronic Co.,...
1SS181 SUNMATE-1SS181 Datasheet
1Mb / 2P
   100mA Surface Mount Switching Diode
1SS187 SUNMATE-1SS187 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS190 SUNMATE-1SS190 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS184 SUNMATE-1SS184 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
logo
Cystech Electonics Corp...
CASD355SY CYSTEKEC-CASD355SY Datasheet
146Kb / 3P
   80V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
   0.1A , 100V Surface Mount Switching Diode
logo
WILLAS ELECTRONIC CORP
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
   200mA Surface Mount Switching Diode - 100V
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
   150mA Surface Mount Switching Diode- 100V
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
   410mW Surface Mount Switching Diode-100V
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com