データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CASD355SY データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号 CASD355SY
部品情報  80V/100mA SURFACE MOUNT SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD355SY データシート(HTML) 3 Page - Cystech Electonics Corp.

  CASD355SY Datasheet HTML 1Page - Cystech Electonics Corp. CASD355SY Datasheet HTML 2Page - Cystech Electonics Corp. CASD355SY Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C332SY
Issued Date : 2004.04.16
Revised Date :
Page No. : 3/3
CASD355SY
CYStek Product Specification
SOD-323(1005) Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.095
0.102
2.4
2.6
D
0.027
0.035
0.7
0.9
B
0.043
0.051
1.1
1.3
E
0.012(typ)
0.30(typ)
C
0.014(typ)
0.35(typ)
F
0.014(typ)
0.35(typ)
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
SOD-323(1005) Plastic
Surface Mounted Package
CYStek Package Code : SY


同様の部品番号 - CASD355SY

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
CASD355SG CYSTEKEC-CASD355SG Datasheet
147Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
More results

同様の説明 - CASD355SY

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
1SS181 SUNMATE-1SS181 Datasheet
1Mb / 2P
   100mA Surface Mount Switching Diode
1SS187 SUNMATE-1SS187 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS190 SUNMATE-1SS190 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS184 SUNMATE-1SS184 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
logo
Cystech Electonics Corp...
CASD355SG CYSTEKEC-CASD355SG Datasheet
147Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SUNMATE electronic Co.,...
LL41 SUNMATE-LL41 Datasheet
240Kb / 2P
   100mA Surface Mount Schottky Barrier Diode
RB531S-30 SUNMATE-RB531S-30 Datasheet
248Kb / 3P
   100mA Surface Mount Schottky Barrier Diode
RB530S-30 SUNMATE-RB530S-30 Datasheet
365Kb / 3P
   100mA Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com